Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2SMB110 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # Z2SMB110
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

Z2SMB110 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  Z2SMB110 Datasheet HTML 1Page - SUNMATE electronic Co., LTD Z2SMB110 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z2SMB200
Z2SMB190
Z2SMB180
Z2SMB170
Z2SMB160
Z2SMB150
Z2SMB140
Z2SMB130
Z2SMB120
Z2SMB110
Z2SMB100
Z2SMB91
Z2SMB82
Z2SMB75
Z2SMB68
Z2SMB62
Z2SMB56
Z2SMB51
Z2SMB47
Z2SMB43
Z2SMB39
Z2SMB36
Z2SMB33
Z2SMB30
Z2SMB27
Z2SMB24
Z2SMB22
Z2SMB20
Z2SMB19
Z2SMB18
Z2SMB17
Z2SMB16
Z2SMB15
Z2SMB14
Z2SMB13
Z2SMB12
Z2SMB11
Z2SMB10
Z2SMB9V1
Z2SMB8V2
Z2SMB7V5
Z2SMB6V8
Z2SMB6V2
Z2SMB5V6
Z2SMB5V1
Z2SMB4V7
Z2SMB4V3
Z2SMB3V9
Z2SMB3V6
2 of 2
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.6
139
5.0
400
1.0
80
1.0
504
3.9
128
5.0
400
1.0
30
1.0
468
4.3
116
4.5
400
1.0
20
1.0
434
4.7
106
4.5
550
1.0
5.0
1.0
386
5.1
98.0
3.5
600
1.0
5.0
1.0
356
5.6
89.5
2.5
500
1.0
5.0
2.0
324
6.2
80.5
1.5
700
1.0
5.0
3.0
292
6.8
73.5
2.0
700
1.0
5.0
4.0
266
7.5
66.5
2.0
700
0.5
50
5.0
242
8.2
61.0
2.3
700
0.5
50
6.0
220
9.1
55.0
2.5
700
0.5
50
7.0
200
10
50.0
3.5
700
0.25
50
7.6
182
11
45.5
4.0
700
0.25
50
8.4
166
12
41.5
4.5
700
0.25
1.0
9.1
152
13
38.5
5.0
700
0.25
0.5
9.9
138
14
35.7
5.5
700
0.25
0.5
10.6
130
15
33.4
7.0
700
0.25
0.5
11.4
122
16
31.2
8.0
700
0.25
0.5
12.2
114
17
29.4
9.0
750
0.25
0.5
13.0
107
18
27.8
10
750
0.25
0.5
13.7
100
19
26.3
11
750
0.25
0.5
14.4
95
20
25.0
11
750
0.25
0.5
15.2
90
22
22.8
12
750
0.25
0.5
16.7
82
24
20.8
13
750
0.25
0.5
18.2
76
27
18.5
18
750
0.25
0.5
20.6
68
30
16.6
20
1000
0.25
0.5
22.5
60
33
15.1
23
1000
0.25
0.5
25.1
55
36
13.9
25
1000
0.25
0.5
27.4
50
39
12.8
30
1000
0.25
0.5
29.7
47
43
11.6
35
1500
0.25
0.5
32.7
43
47
10.6
40
1500
0.25
0.5
35.8
39
51
9.8
48
1500
0.25
0.5
38.8
36
56
9.0
55
2000
0.25
0.5
42.6
32
62
8.1
60
2000
0.25
0.5
47.1
29
68
7.4
75
2000
0.25
0.5
51.7
27
75
6.7
90
2000
0.25
0.5
56.0
24
82
6.1
100
3000
0.25
0.5
62.2
22
91
5.5
125
3000
0.25
0.5
69.2
20
100
5.0
175
3000
0.25
0.5
76.0
18
110
4.5
250
4000
0.25
0.5
83.6
17
120
4.2
325
4500
0.25
0.5
91.2
15
130
3.8
400
5000
0.25
0.5
98.8
14
140
3.6
500
5500
0.25
0.5
106.4
13
150
3.3
575
6000
0.25
0.5
114.0
12
160
3.1
650
6500
0.25
0.5
121.6
11
170
2.9
675
7000
0.25
0.5
130.4
11
180
2.8
725
7000
0.25
0.5
136.8
10
190
2.6
825
8000
0.25
0.5
144.8
10
200
2.5
900
8000
0.25
0.5
152.0
9.0
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com