Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85NP-R45MC-50 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP85NP-R45MC-50
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85NP-R45MC-50 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP85NP-R45MC-50 Datasheet HTML 1Page - Sumida Corporation CDEP85NP-R45MC-50 Datasheet HTML 2Page - Sumida Corporation CDEP85NP-R45MC-50 Datasheet HTML 3Page - Sumida Corporation CDEP85NP-R45MC-50 Datasheet HTML 4Page - Sumida Corporation CDEP85NP-R45MC-50 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP85
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12 15 18
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10 15 20 25 30
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12 16 20 24
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
8
16
24
32
0
10
20
30
40
50
60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
8
16 24 32 40 48
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDEP85NP-R20MC-50
△T (℃)
L (
μH)
2. CDEP85NP-R45MC-50
△T (℃)
L (
μH)
3. CDEP85NP-R80MC-50
L (
μH)
DC (A)
5. CDEP85NP-1R8MC-50
△T (℃)
L (
μH)
6. CDEP85NP-2R4MC-50
DC (A)
7. CDEP85NP-3R2MC-50
△T (℃)
L (
μH)
8. CDEP85NP-4R0MC-50
△T (℃)
L (
μH)
DC (A)
9. CDEP85NP-R35MC-88
DC (A)
4. CDEP85NP-1R2MC-50
△T (℃)
DC (A)
DC (A)
10. CDEP85NP-R80MC-88
△T (℃)
L (
μH)
DC (A)
11. CDEP85NP-1R4MC-88
△T (℃)
L (
μH)
DC (A)
12. CDEP85NP-2R2MC-88
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com