Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST309 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SST309
Description  SINGLE N-CHANNEL HIGH FREQUENCY JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST309 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SST309 Datasheet HTML 1Page - Linear Integrated Systems SST309 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
J/SST308
J/SST309
J/SST310
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
VGS(off)
Gate to Source Cutoff Voltage
-1
-6.5
-1
-4
-2
-6.5
V
VDS = 10V, ID = 1nA
IDSS
Source to Drain Saturation Current
3
12
60
12
30
24
60
mA
VDS = 10V, VGS = 0V
Ciss
Input Capacitance
4
5
5
5
Crss
Reverse Transfer Capacitance
1.9
2.5
2.5
2.5
pF
VDS = 10V, VGS = -10V
f = 1MHz
gfs
Forward Transconductance
14
8
10
8
mS
gos
Output Conductance
110
250
250
250
µS
VDS = 10V, ID = 10mA
f = 1kHz
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
SPECIFIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
U308
U309
U310
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
VGS(off)
Gate to Source Cutoff Voltage
-1
-6.5
-1
-4
-2.5
-6.5
V
VDS = 10V, ID = 1nA
IDSS
Source to Drain Saturation Current
3
12
60
12
30
24
60
mA
VDS = 10V, VGS = 0V
Ciss
Input Capacitance
4
5
5
5
Crss
Reverse Transfer Capacitance
1.9
2.5
2.5
2.5
pF
VDS = 10V, VGS = -10V
f = 1MHz
gfs
Forward Transconductance
14
10
10
10
mS
gos
Output Conductance
110
250
250
250
µS
VDS = 10V, ID = 10mA
f = 1kHz
TO-18
Three Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
3 LEADS
2
1
3
0.046
0.036
45°
0.048
0.028
0.100
0.050
12
3
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.045
0.055
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Measured at optimum input noise match.
3.
Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com