Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM613DA Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM613DA
Description  synchronous step-down DC/DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM613DA Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM613DA Datasheet HTML 3Page - ELM Technology Corporation ELM613DA Datasheet HTML 4Page - ELM Technology Corporation ELM613DA Datasheet HTML 5Page - ELM Technology Corporation ELM613DA Datasheet HTML 6Page - ELM Technology Corporation ELM613DA Datasheet HTML 7Page - ELM Technology Corporation ELM613DA Datasheet HTML 8Page - ELM Technology Corporation ELM613DA Datasheet HTML 9Page - ELM Technology Corporation ELM613DA Datasheet HTML 10Page - ELM Technology Corporation ELM613DA Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Rev.1.3
11 -
■Typical characteristics
5
10
15
20
25
0.5
1
1.5
2
2.5
0
Iout=10mA
Vin (V)
Vout-Vin
Iout=100mA
Iout=1000mA
• V=1.8V
0.1
1
10
100
1000 10000
0
20
40
60
80
100
Iout (mA)
EFFICIENCY-Iout
Vin=5V
Vin=12V
-40
-20
0
20
40
60
80
0.9
0.91
0.92
0.93
0.94
0.95
Top (°C)
Vin=12V, Iout=100mA)
Vfb-Top
0.1
1
10
100
1000 10000
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Iout (mA)
Vout-Iout
Vin=5V
Vin=12V
1
0
Load Transient Response
Time (4ms/div)
Start Response
Vin=12V, No load
2
1
0
Vin=12V, Iout=1mA~1A
2.5
2.0
1.0
0.5
0
Time (100µs/div)
2
1.5
• Vout=1.8V : Cin=10µF, Cout=22µF, L=10µH, R1=9.5k, R2=10k, R3=15k
C1=3.3nF, C2=0.1µF, C3=10nF, Top=25°C
ELM613DA 2A, 20V, 550kHz, synchronous step-down DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com