Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV641 Datasheet HTML 7Page - Texas Instruments LMV641 Datasheet HTML 8Page - Texas Instruments LMV641 Datasheet HTML 9Page - Texas Instruments LMV641 Datasheet HTML 10Page - Texas Instruments LMV641 Datasheet HTML 11Page - Texas Instruments LMV641 Datasheet HTML 12Page - Texas Instruments LMV641 Datasheet HTML 13Page - Texas Instruments LMV641 Datasheet HTML 14Page - Texas Instruments LMV641 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0
UNSTABLE
ROC = 40 dB/decade
STABLE
ROC ± 20 dB/decade
FREQUENCY (Hz)
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
APPLICATION INFORMATION
ADVANTAGES OF THE LMV641
Low Voltage and Low Power Operation
The LMV641 has performance guaranteed at supply voltages of 2.7V and 10V. It is guaranteed to be operational
at all supply voltages between 2.7V and 12.0V. The LMV641 draws a low supply current of 138 µA. The LMV641
provides the low voltage and low power amplification which is essential for portable applications.
Wide Bandwidth
Despite drawing the very low supply current of 138 µA, the LMV641 manages to provide a wide unity gain
bandwidth of 10 MHz. This is easily one of the best bandwidth to power ratios ever achieved, and allows this op
amp to provide wideband amplification while using the minimum amount of power. This makes the LMV641 ideal
for low power signal processing applications such as portable media players and other accessories.
Low Input Referred Noise
The LMV641 provides a flatband input referred voltage noise density of 14 nV/
, which is significantly better
than the noise performance expected from a low power op amp. This op amp also feature exceptionally low 1/f
noise, with a very low 1/f noise corner frequency of 4 Hz. Because of this the LMV641 is ideal for low power
applications which require decent noise performance, such as PDAs and portable sensors.
Ground Sensing and Rail-to-Rail Output
The LMV641 has a rail-to-rail output stage, which provides the maximum possible output dynamic range. This is
especially important for applications requiring a large output swing. The input common mode range of this part
includes the negative supply rail which allows direct sensing at ground in a single supply operation.
Small Size
The small footprint of the packages for the LMV641 saves space on printed circuit boards, and enables the
design of smaller and more compact electronic products. Long traces between the signal source and the op amp
make the signal path susceptible to noise. By using a physically smaller package, these op amps can be placed
closer to the signal source, reducing noise pickup and enhancing signal integrity.
STABILITY OF OP AMP CIRCUITS
If the phase margin of the LMV641 is plotted with respect to the capacitive load (CL) at its output, and if CL is
increased beyond 100 pF then the phase margin reduces significantly. This is because the op amp is designed
to provide the maximum bandwidth possible for a low supply current. Stabilizing the LMV641 for higher
capacitive loads would have required either a drastic increase in supply current, or a large internal compensation
capacitance, which would have reduced the bandwidth. Hence, if this device is to be used for driving higher
capacitive loads, it will have to be externally compensated.
Figure 40. Gain vs. Frequency for an Op Amp
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com