Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MAE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MAE/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MAE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV641MAE/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 10Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 14Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 15Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 16Page - Texas Instruments LMV641MAE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
x
x
x
x
x
x
B
LMV641
LMV641
STANDOFF DISTANCE
U1
U2
20 k:
BRIDGE TEMPCO COMPENSATION NETWORK
V
+
-
+
G = 23.2
BW-3 dB = 431 kHz
580:
1%
24.5 k:
1%
24.5 k:
1%
568 k:
1%
HONEYWELL
HMC1051Z
or EQUIVALENT
CONDUCTOR TO BE
CURRENT MEASURED
I(AC or DC)
FROM mAs TO 20A
V
+
20 k:
5 k:
0.1 PF
9V
ALKALINE
BATTERY
V
+
VOUT
V
+
RTH
RA
RB
-
+
TO ADC or
METER
CIRCUITRY
OFFSET TRIM
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
Compensation by External Resistor
In some applications it is essential to drive a capacitive load without sacrificing bandwidth. In such a case, in the
loop compensation is not viable. A simpler scheme for compensation is shown in Figure 42. A resistor, RISO, is
placed in series between the load capacitance and the output. This introduces a zero in the circuit transfer
function, which counteracts the effect of the pole formed by the load capacitance, and ensures stability. The
value of RISO to be used should be decided depending on the size of CL and the level of performance desired.
Values ranging from 5
Ω to 50Ω are usually sufficient to ensure stability. A larger value of RISO will result in a
system with less ringing and overshoot, but will also limit the output swing and the short circuit current of the
circuit.
Figure 42. Compensation by Isolation Resistor
TYPICAL APPLICATIONS
ANISOTROPIC MAGNETORESISTIVE SENSOR
The low operating current of the LMV641 makes it a good choice for battery operated applications. Figure 43
shows two LMV641s in a portable application with a magnetic field sensor. The LMV641s condition the output
from an anisotropic magnetoresistive (AMR) sensor. The sensor is arranged in the form of a Wheatstone bridge.
This type of sensor can be used to accurately measure the current (either DC or AC) flowing in a wire by
measuring the magnetic flux density, B, emanating from the wire.
Figure 43. A Battery Operated System for Contact-Less Current Sensing Using an Anisotropic
Magnetoresistive Sensor
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com