Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6559 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6559
Description  High-Speed, Closed-Loop Buffer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6559 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6559 Datasheet HTML 17Page - Texas Instruments LMH6559 Datasheet HTML 18Page - Texas Instruments LMH6559 Datasheet HTML 19Page - Texas Instruments LMH6559 Datasheet HTML 20Page - Texas Instruments LMH6559 Datasheet HTML 21Page - Texas Instruments LMH6559 Datasheet HTML 22Page - Texas Instruments LMH6559 Datasheet HTML 23Page - Texas Instruments LMH6559 Datasheet HTML 24Page - Texas Instruments LMH6559 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
100k
10M
FREQUENCY (Hz)
-48
-24
12
1G
100M
1M
0
-12
-36
6
-6
-18
-30
-42
CL = 10pF
CL = 22pF
CL = 47pF
VS = 10V
CL = 0pF
CL = 4.7pF
+
-
V
+
V
-
RIN
BUFFER INTERNAL
CONNECTIONS
CL-1
CL-2
RSERIES
L-1
L-2
R-1
R-2
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
Figure 44.
Consider a frequency sweep over the entire spectrum for which the LMH6559 high frequency buffer is active. In
the first instance peaking occurs due to the parasitic capacitance connected at the load whereas at higher
frequencies the effects of the series combination of L and C become noticeable. This causes a distinctive dip in
the output frequency sweep and this dip varies depending upon the particular capacitor as seen in Figure 45.
Figure 45.
To minimize peaking due to CL a series resistor for the purpose of isolation from the output stage should be
used. A low valued resistor will minimize the influence of such a load capacitor. In a 50
Ω system as is common
in high frequency circuits a 50
Ω series resistor is often used. Usage of the series resistor, as seen in Figure 46
eliminates the peaking but not the dip. The dip will vary with the particular capacitor. Using a resistor in series
with a capacitor creates in a single pole situation a 6dB/oct rolloff. However, at high frequencies the internal
inductance is appreciable and forms a series LC combination with the capacitor. Choice of a higher valued
resistor, for example 500 to 1k
Ω, and a capacitor of hundreds of pF's provides the expected response at lower
frequencies.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com