Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6574MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6574MA/NOPB
Description  LMH6574 4:1 High Speed Video Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6574MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6574MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6574MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMH6574
SNCS103D – NOVEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Application and Implementation ........................ 13
7.1
Application Information............................................ 13
2
Applications ........................................................... 1
7.2
Typical Application .................................................. 13
3
Description ............................................................. 1
8
Power Supply Recommendations ...................... 20
4
Revision History..................................................... 2
8.1
Power Dissipation ................................................... 20
5
Pin Configuration and Functions ......................... 3
9
Layout ................................................................... 20
6
Specifications......................................................... 4
9.1
Layout Guidelines ................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10
Device and Documentation Support ................. 21
6.2
ESD Ratings.............................................................. 4
10.1
Documentation Support ........................................ 21
6.3
Recommended Operating Conditions ....................... 4
10.2
Trademarks ........................................................... 21
6.4
Thermal Information .................................................. 4
10.3
Electrostatic Discharge Caution ............................ 21
6.5
Electrical Characteristics ±5V .................................. 5
10.4
Glossary ................................................................ 21
6.6
Electrical Characteristics ±3.3V ............................... 7
11
Mechanical, Packaging, and Orderable
6.7
Typical Performance Characteristics ........................ 8
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2012) to Revision D
Page
•
Added, updated, or revised the following sections: Pin Configuration and Functions, Specifications, Application and
Implementation, Power Supply Recommendations , Layout , Device and Documentation Support , and Mechanical,
Packaging, and Orderable Information................................................................................................................................... 1
•
Revised text in Multiplexer Expansion section. Added Figure 29, Figure 30, and Figure 31 .............................................. 15
2
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LMH6574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com