Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34AA04-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 34AA04-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 34AA04-E/ST Datasheet HTML 9Page - Microchip Technology 34AA04-E/ST Datasheet HTML 10Page - Microchip Technology 34AA04-E/ST Datasheet HTML 11Page - Microchip Technology 34AA04-E/ST Datasheet HTML 12Page - Microchip Technology 34AA04-E/ST Datasheet HTML 13Page - Microchip Technology 34AA04-E/ST Datasheet HTML 14Page - Microchip Technology 34AA04-E/ST Datasheet HTML 15Page - Microchip Technology 34AA04-E/ST Datasheet HTML 16Page - Microchip Technology 34AA04-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 13
34AA04
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 34AA04 contains an address counter that
maintains the address of the last byte accessed, inter-
nally incremented by ‘1’. Therefore, if the previous
access (either a read or write operation) was to
address n, the next current address read operation
would access data from address n+1. Upon receipt of
the slave address with R/W bit set to ‘1’, the 34AA04
issues an acknowledge and transmits the 8-bit data
value. The master will not acknowledge the transfer,
but does generate a Stop condition and the 34AA04
discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the array address must first
be set. This is done by sending the array address to the
34AA04 as part of a write operation. Once the array
address is sent, the master generates a Start condition
following the acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. The master then issues the control byte again, but
with the R/W bit set to a ‘1’. The 34AA04 then issues
an acknowledge and transmits the 8-bit data word. The
master will not acknowledge the transfer, but does
generate
a
Stop
condition
and
the
34AA04
discontinues transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, with the exception that after the 34AA04
transmits the first data byte, the master issues an
acknowledge, as opposed to a Stop condition in a
random read. This directs the 34AA04 to transmit the
next sequentially addressed 8-bit word (Figure 8-3).
To provide sequential reads, the 34AA04 contains an
internal Address Pointer, which is incremented by one
at the completion of each operation. Sequential reads
are limited to a single bank per operation, so the
Address Pointer allows the entire memory contents of
the current bank to be serially read during one opera-
tion.
8.4
Noise Protection and Brown-Out
The 34AA04 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.35V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation, even on a noisy bus.
FIGURE 8-1:
CURRENT ADDRESS READ
Note:
It is recommended to perform a Set Bank
Address command before initiating a
Read command to ensure the desired
bank is selected.
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
O
A
C
K
S
T
A
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com