Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6609MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6609MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMH6609
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VS (V
+ - V−)
±6.6V
IOUT
(2)
Common Mode Input Voltage
V+ to V
−
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
+300°C
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional. For specifications, see the Electrical Characteristics tables.
(2)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the
Application Section for more details.
(3)
Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω In series with 200pF.
Operating Ratings
(1)
Thermal Resistance
Package
(
θJC)
(
θJA)
8-Pin SOIC
65°C/W
145°C/W
5-Pin SOT23
120°C/W
187°C/W
Operating Temperature
−40°C
+85°C
Nominal Supply Voltage (2)
±3.3V
±6V
(1)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the
Application Section for more details.
(2)
Nominal Supply voltage range is for supplies with regulation of 10% or better.
±5V Electrical Characteristics
Unless specified, AV = +2, RF = 250Ω: VS = ±5V, RL = 100Ω; unless otherwise specified. Boldface limits apply over
temperature Range.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
−3dB Bandwidth
VOUT = 0.5VPP
260
MHz
LSBW
−3dB Bandwidth
VOUT = 4.0VPP
150
170
MHz
SSBWG1
−3dB Bandwidth AV = 1
VOUT = 0.25VPP
900
MHz
GFP
.1dB Bandwidth
Gain is Flat to .1dB
130
MHz
DG
Differential Gain
RL = 150Ω, 4.43MHz
0.01
%
DP
Differential Phase
RL = 150Ω, 4.43MHz
0.026
deg
Time Domain Response
TRS
Rise and Fall Time
1V Step
1.6
ns
TRL
4V Step
2.6
ns
ts
Settling Time to 0.05%
2V Step
15
ns
SR
Slew Rate
4V Step (2)
1200
1400
V/µs
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Applications Section for information on temperature derating of this device.
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Slew rate is Average of Rising and Falling 40-60% slew rates.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com