Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4979D
Description  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D Datasheet(HTML) 3 Page - STMicroelectronics

  L4979D Datasheet HTML 1Page - STMicroelectronics L4979D Datasheet HTML 2Page - STMicroelectronics L4979D Datasheet HTML 3Page - STMicroelectronics L4979D Datasheet HTML 4Page - STMicroelectronics L4979D Datasheet HTML 5Page - STMicroelectronics L4979D Datasheet HTML 6Page - STMicroelectronics L4979D Datasheet HTML 7Page - STMicroelectronics L4979D Datasheet HTML 8Page - STMicroelectronics L4979D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
L4979MD L4979D
Table 3. Absolute Maximum Ratings
Note:
1. Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the integrated circuit.
Table 4. Thermal DatA
Table 5. Electrical Characteristcs
(Vs = 5.6V to 31V, Tj = -40°C to +150°C unless otherwise specified)
Symbol
Parameter
Value
Unit
Vvsdc
DC supply voltage
-0.3 to 40
V
Ivsdc
Input current
internally limited
Vvo
DC output voltage
-0.3 to 6
V
Ivo
DC output current
internally limited
Vwi
Watchdog input voltage
-0.3 to Vvo +0.3
V
Vod
Open drain output voltage (RES)
-0.3 to Vvo +0.3
V
Iod
Open drain output current (RES)
internally limited
Vcr
Reset delay voltage
-0.3 to Vvo +0.3
V
Vcw
Watchdog delay voltage
-0.3 to Vvo +0.3
V
Ven
Enable input voltage
-0.3 to 40
V
Tj
Junction temperature
-40 to 150
°C
VESD
ESD voltage level (HBM-MIL STD 883C)
±2
kV
Symbol
Parameter
SO8
SO16+2+2
Unit
Rth j-amb
Thermal resistance Junction to Ambient
130 to 180
50 to 80
°C/W
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
Vs, Vo
Iq
Quiescent current
Vs = 13.5V, Io=150mA,
enable high
all I/O currents=0
1.5
3
mA
Vs, Vo
Iq
Quiescent current
Vs = 13.5V, Io = 0mA,
enable high
all I/O currents = 0
100
200
µA
Vs, Vo
Iq
Quiescent current
Vs = 13.5V, Io = 0mA,
enable low
all I/O currents = 0
620
µA
Tw
Thermal protection
temperature
150
190
°C
Tw_hy
Thermal protection
temperature hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com