Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6640MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6640MF/NOPB
Description  LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6640MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6640MF/NOPB Datasheet HTML 1Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 2Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 3Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 4Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 5Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 6Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 7Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 8Page - Texas Instruments LMH6640MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMH6640
SNOSAA0B – FEB 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Human Body Model
2 KV
Machine Model
200V
VIN Differential
±2.5V
Input Current
±10 mA
Supply Voltages (V+ – V−)
18V
Voltage at Input/Output Pins
V+ +0.8V, V−
−0.8V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (3)
+150°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see the
Electrical Characteristics.
(2)
Human body model, 1.5 k
Ω in series with 100 pF. Machine Model, 0Ω in series with 200 pF.
(3)
The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)-TA ) / θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Supply Voltage (V+ – V−)
4.5V to 16V
Operating Temperature Range (2)
−40°C to +85°C
Package Thermal Resistance (2)
5-Pin SOT-23
265°C/W
(1)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150 °C Short circuit test is a momentary test. Output short circuit duration is
infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)-TA ) / θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com