Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA1024I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 25AA1024I/P
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/P Datasheet(HTML) 3 Page - Microchip Technology

  25AA1024I/P Datasheet HTML 1Page - Microchip Technology 25AA1024I/P Datasheet HTML 2Page - Microchip Technology 25AA1024I/P Datasheet HTML 3Page - Microchip Technology 25AA1024I/P Datasheet HTML 4Page - Microchip Technology 25AA1024I/P Datasheet HTML 5Page - Microchip Technology 25AA1024I/P Datasheet HTML 6Page - Microchip Technology 25AA1024I/P Datasheet HTML 7Page - Microchip Technology 25AA1024I/P Datasheet HTML 8Page - Microchip Technology 25AA1024I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20001836J-page 3
25AA1024
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I)*:
TA = 0°C to +85°C
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
VCC = 2.0V to 5.5V
*Limited industrial temperature range.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency
—
20
MHz
4.5 ≤ VCC ≤ 5.5
—10
MHz
2.5 ≤ VCC <4.5
—
2
MHz
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
2TCSS
CS Setup Time
25
—
ns
4.5 ≤ VCC ≤ 5.5
50
—
ns
2.5 ≤ VCC <4.5
250
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
3TCSH
CS Hold Time
50
—
ns
4.5 ≤ VCC ≤ 5.5
100
—
ns
2.5 ≤ VCC <4.5
500
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
(Note 3)
4TCSD
CS Disable Time
50
—
ns
5TSU
Data Setup Time
5
—
ns
4.5 ≤ VCC ≤ 5.5
10
—
ns
2.5 ≤ VCC <4.5
50
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
6THD
Data Hold Time
10
—
ns
4.5 ≤ VCC ≤ 5.5
20
—
ns
2.5 ≤ VCC <4.5
100
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
7TR
CLK Rise Time
—
20
ns
(Note 1)
8TF
CLK Fall Time
—
20
ns
(Note 1)
9THI
Clock High Time
25
—
4.5 ≤ VCC ≤ 5.5
50
—
ns
2.5 ≤ VCC <4.5
250
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
10
TLO
Clock Low Time
25
—
ns
4.5 ≤ VCC ≤ 5.5
50
—
ns
2.5 ≤ VCC <4.5
250
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
11
TCLD
Clock Delay Time
50
—
ns
12
TCLE
Clock Enable Time
50
—
ns
13
TV
Output Valid from Clock
Low
—25
ns
4.5 ≤ VCC ≤ 5.5
—50
ns
2.5 ≤ VCC <4.5
—
250
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.
3:
Includes THI time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com