Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34AA04T-E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # 34AA04T-E/ST
Description  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04T-E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button 34AA04T-E/ST Datasheet HTML 3Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 4Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 5Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 6Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 7Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 8Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 9Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 10Page - Microchip Technology 34AA04T-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 7
34AA04
FIGURE 4-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
FIGURE 4-2:
BUS TIMEOUT
4.7
Device Addressing
A control byte is the first byte received following the
Start condition from the master device. The first part of
the control byte consists of a 4-bit control code which is
set to ‘1010’ for normal read and write operations and
‘0110’ for accessing the software write-protect features
and bank selection. The control byte is followed by
three Chip Select bits (A2, A1, A0). The Chip Select bits
allow the use of up to eight 34AA04 devices on the
same bus and are used to determine which device is
accessed. The Chip Select bits in the control byte must
correspond to the logic levels on the corresponding A2,
A1 and A0 pins for the device to respond.
The eighth bit of slave address determines if the master
device wants to read or write to the 34AA04
(Figure 4-3). When set to a one, a read operation is
selected. When set to a zero, a write operation is
selected.
FIGURE 4-3:
CONTROL BYTE
ALLOCATION
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition
SCL
TTIMEOUT(MIN)TTIMEOUT(MAX)
TLOW < TTIMEOUT(MIN): Bus interface does not reset.
TTIMEOUT(MIN) < TLOW < TTIMEOUT(MAX): Bus interface may or may not reset.
TTIMEOUT(MAX) < TLOW: Bus interface will reset.
Operation
Control
Code
Chip
Select
R/W
Read
1010
A2 A1 A0
1
Write
1010
A2 A1 A0
0
Read Write-Protect/
Bank Address
0110
A2 A1 A0
1
Set Write-Protect/
Bank Address
0110
A2 A1 A0
0
OR
Start
Read/Write
Slave Address
R/W A
1
0
1
0
A2
A1
A0
0
1
1
0
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com