Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA1024I/SM Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA1024I/SM
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/SM Datasheet(HTML) 4 Page - Microchip Technology

  25AA1024I/SM Datasheet HTML 1Page - Microchip Technology 25AA1024I/SM Datasheet HTML 2Page - Microchip Technology 25AA1024I/SM Datasheet HTML 3Page - Microchip Technology 25AA1024I/SM Datasheet HTML 4Page - Microchip Technology 25AA1024I/SM Datasheet HTML 5Page - Microchip Technology 25AA1024I/SM Datasheet HTML 6Page - Microchip Technology 25AA1024I/SM Datasheet HTML 7Page - Microchip Technology 25AA1024I/SM Datasheet HTML 8Page - Microchip Technology 25AA1024I/SM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
25AA1024
DS20001836J-page 4
 2007-2015 Microchip Technology Inc.
14
THO
Output Hold Time
0
—
ns
(Note 1)
15
TDIS
Output Disable Time
—
25
ns
4.5 ≤ VCC ≤ 5.5
—50
ns
2.5 ≤ VCC <4.5
—250
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
(Note 1)
16
THS
HOLD Setup Time
10
—
ns
4.5 ≤ VCC ≤ 5.5
20
—
ns
2.5 ≤ VCC <4.5
100
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
17
THH
HOLD Hold Time
10
—
ns
4.5 ≤ VCC ≤ 5.5
20
—
ns
2.5 ≤ VCC <4.5
100
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
18
THZ
HOLD Low to Output
High Z
15
—
ns
4.5 ≤ VCC ≤ 5.5
30
—
ns
2.5 ≤ VCC <4.5
150
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
(Note 1)
19
THV
HOLD High to Output
Valid
15
—
ns
4.5 ≤ VCC ≤ 5.5
30
—
ns
2.5 ≤ VCC <4.5
150
—
ns
2.0 ≤ VCC <2.5
1.8 ≤ VCC < 2.0, 0°C to +85°C
20
TREL
CS High to Standby mode
—100
µs
VCC = 1.8V to 5.5V
21
TPD
CS High to Deep
Power-down
—100
µs
VCC = 1.8V to 5.5V
22
TCE
Chip Erase Cycle Time
—
10
ms
VCC = 1.8V to 5.5V
23
TSE
Sector Erase Cycle Time
—
10
ms
VCC = 1.8V to 5.5V
24
TWC
Internal Write Cycle Time
—
6
ms
Byte or Page mode and Page
Erase
25
—
Endurance
1M
—
E/W
cycles
Page mode, 25°C, 5.5V (Note 2)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I)*:
TA = 0°C to +85°C
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
VCC = 2.0V to 5.5V
*Limited industrial temperature range.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.
3:
Includes THI time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com