Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4979MD
Description  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 1 Page - STMicroelectronics

  L4979MD Datasheet HTML 1Page - STMicroelectronics L4979MD Datasheet HTML 2Page - STMicroelectronics L4979MD Datasheet HTML 3Page - STMicroelectronics L4979MD Datasheet HTML 4Page - STMicroelectronics L4979MD Datasheet HTML 5Page - STMicroelectronics L4979MD Datasheet HTML 6Page - STMicroelectronics L4979MD Datasheet HTML 7Page - STMicroelectronics L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L4979D
L4979MD
October 2004
1
FEATURES
■
OPERATING DC SUPPLY VOLTAGE RANGE
5.6V TO 31V
■
LOW QUIESCENT CURRENT
(6
µA Typ. @ 25°C with Enable Low)
■
HIGH PRECISION OUTPUT VOLTAGE (2%)
■
LOW DROPOUT VOLTAGE LESS THAN 0.5V
■
RESET CIRCUIT SENSING THE OUTPUT
VOLTAGE DOWN TO 1V
■
PROGRAMMABLE RESET PULSE DELAY
WITH EXTERNAL CAPACITOR
■
WATCHDOG
■
PROGRAMMABLE WATCHDOG TIMER WITH
EXTERNAL CAPACITOR
■
THERMAL SHUTDOWN AND SHORT
CIRCUIT PROTECTION
■
AUTOMOTIVE TEMPERATURE RANGE
(Tj = -40°C TO 150°C)
■
ENABLE INPUT FOR ENABLING/DISABLING
THE VOLTAGE REGULATOR OUTPUT
LOW DROP VOLTAGE REGULATOR
Figure 2. Block Diagram
Voltage reference
reset
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
En
gnd
Vo
Co
5V, 150 mA
Voltage reference
reset
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
En
gnd
Vo
Co
5V, 150 mA
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L4979D
SO-8
L4979MD
SO-20
L4979D13TR
SO-8 Tape & Reel
L4979MD13TR
SO-20 Tape & Reel
SO-8
SO-20
Rev. 5


Similar Part No. - L4979MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979MD STMICROELECTRONICS-L4979MD Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
L4979MD STMICROELECTRONICS-L4979MD Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
L4979MD STMICROELECTRONICS-L4979MD Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4979MD STMICROELECTRONICS-L4979MD Datasheet
656Kb / 22P
Automotive low dropout voltage regulator
21-Sep-2023
L4979MD013TR STMICROELECTRONICS-L4979MD013TR Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
More results

Similar Description - L4979MD

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com