Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA1026TE/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24AA1026TE/P
Description  1024K I2C Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA1026TE/P Datasheet(HTML) 4 Page - Microchip Technology

  24AA1026TE/P Datasheet HTML 1Page - Microchip Technology 24AA1026TE/P Datasheet HTML 2Page - Microchip Technology 24AA1026TE/P Datasheet HTML 3Page - Microchip Technology 24AA1026TE/P Datasheet HTML 4Page - Microchip Technology 24AA1026TE/P Datasheet HTML 5Page - Microchip Technology 24AA1026TE/P Datasheet HTML 6Page - Microchip Technology 24AA1026TE/P Datasheet HTML 7Page - Microchip Technology 24AA1026TE/P Datasheet HTML 8Page - Microchip Technology 24AA1026TE/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
24AA1026/24LC1026/24FC1026
DS20002270E-page 4
 2011-2015 Microchip Technology Inc.
9TSU:DAT Data Input Setup Time
250
—
ns
1.7V
 VCC  2.5V
250
—
ns
2.5V
 VCC  4.5V, E-temp
100
—
ns
2.5V
 VCC  5.5V
100
—
ns
1.8V
 VCC  2.5V (24FC1026)
100
—
ns
2.5V
 VCC  5.5V (24FC1026)
10
TSU:STO Stop Condition Setup
Time
4000
—
ns
1.7V
 VCC  2.5V
4000
—
ns
2.5V
 VCC  4.5V, E-temp
600
—
ns
2.5V
 VCC  5.5V
600
—
ns
1.8V
 VCC  2.5V (24FC1026)
250
—
ns
2.5V
 VCC  5.5V (24FC1026)
11
TSU:WP WP Setup Time
4000
—
ns
1.7V
 VCC  2.5V
4000
—
ns
2.5V
 VCC  4.5V, E-temp
600
—
ns
2.5V
 VCC  5.5V
600
—
ns
1.8V
 VCC  2.5V (24FC1026)
600
—
ns
2.5V
 VCC  5.5V (24FC1026)
12
THD:WP WP Hold Time
4700
—
ns
1.7V
 VCC  2.5V
4700
—
ns
2.5V
 VCC  4.5V, E-temp
1300
—
ns
2.5V
 VCC  5.5V
1300
—
ns
1.8V
 VCC  2.5V (24FC1026)
1300
—
ns
2.5V
 VCC  5.5V (24FC1026)
13
TAA
Output Valid from Clock
(Note 2)
—3500
ns
1.7V
 VCC  2.5V
—3500
ns
2.5V
 VCC  4.5V, E-temp
—
900
ns
2.5V
 VCC  5.5V
—
900
ns
1.8V
 VCC  2.5V (24FC1026)
—
400
ns
2.5V
 VCC  5.5V (24FC1026)
14
TBUF
Bus Free Time: bus time
must be free before a new
transmission can start
4700
—
ns
1.7V
 VCC  2.5V
4700
—
ns
2.5V
 VCC  4.5V, E-temp
1300
—
ns
2.5V
 VCC  5.5V
1300
—
ns
1.8V
 VCC  2.5V (24FC1026)
500
—
ns
2.5V
 VCC  5.5V (24FC1026)
15
TSP
Input Filter Spike
Suppression
(SDA and SCL pins)
—
50
ns
All except 24FC1026 (Notes 1 and 3)
16
TWC
Write Cycle Time (byte or
page)
—5
ms
17
Endurance
1,000,000
—
cycles Page mode, 25°C, VCC = 5.5V (Note 4)
AC CHARACTERISTICS (Continued)
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E): Vcc = +2.5V to 5.5V TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but established by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s website
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com