Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256UIDT-I/P Datasheet(PDF) 25 Page - Microchip Technology

Part # 24AA256UIDT-I/P
Description  256K I2C??Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256UIDT-I/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button 24AA256UIDT-I/P Datasheet HTML 20Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 21Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 22Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 23Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 24Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 25Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 26Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 27Page - Microchip Technology 24AA256UIDT-I/P Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2013 Microchip Technology Inc.
DS20005215A-page 25
24AA256UID
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA256UID = 256 Kbit 1.7V I2C Serial
EEPROM, with EUI-48 and
EUI-64 Node Identities and 32-bit
Serial Number
24AA256UIDT = 256 Kbit 1.7V I2C Serial
EEPROM, with EUI-48 and
EUI-64 Node Identities and 32-bit
Serial Number (Tape and Reel)
Temperature
Range:
I=
-40
C to +85C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
Examples:
a)
24AA256UID-I/P: Industrial Temp.,
1.7V, PDIP package.
b)
24AA256UIDT-I/SN: Tape and Reel,
Industrial Temp., 1.7V, SOIC
package.
c)
24AA256UID-I/ST: Industrial Temp.,
1.7V, TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com