Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA02UID-I/SN Datasheet(PDF) 11 Page - Microchip Technology

Part # 11AA02UID-I/SN
Description  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID-I/SN Datasheet(HTML) 11 Page - Microchip Technology

Back Button 11AA02UID-I/SN Datasheet HTML 7Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 8Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 9Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 10Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 11Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 12Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 13Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 14Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 11
11AA02UID
4.3
Write Instruction
Prior to any attempt to write data to the 11AA02UID, the
write enable latch must be set by issuing the
WREN
instruction (see Section 4.4 “Write Enable (WREN)
and Write Disable (WRDI) Instructions”).
Once the write enable latch is set, the user may
proceed with issuing a
WRITE instruction (including
the header and device address bytes) followed by the
MSB and LSB of the Word Address. Once the last
Acknowledge sequence has been performed, the
master transmits the data byte to be written.
The 11AA02UID features a 16-byte page buffer, mean-
ing that up to 16 bytes can be written at one time. To
utilize this feature, the master can transmit up to 16
data bytes to the 11AA02UID, which are temporarily
stored in the page buffer. After each data byte, the
master sends a MAK, indicating whether or not another
data byte is to follow. A NoMAK indicates that no more
data is to follow, and as such will initiate the internal
write cycle.
Upon receipt of each word, the four lower-order
Address Pointer bits are internally incremented by one.
The higher-order bits of the word address remain con-
stant. If the master should transmit data past the end of
the page, the address counter will roll over to the begin-
ning of the page, where further received data will be
written.
FIGURE 4-3:
WRITE COMMAND SEQUENCE
Note:
If a NoMAK is generated before any data
has been provided, or if a standby pulse
occurs before the NoMAK is generated,
the 11AA02UID will be reset, and the write
cycle will not be initiated.
Note:
Page write operations are limited to writ-
ing bytes within a single physical page,
regardless of the number of bytes actu-
ally being written. Physical page boundar-
ies start at addresses that are integer
multiples of the page size (16 bytes) and
end at addresses that are integer multi-
ples of the page size minus 1. As an
example, the page that begins at address
0x30 ends at address 0x3F. If a page
Write command attempts to write across a
physical page boundary, the result is that
the data wraps around to the beginning of
the current page (overwriting data previ-
ously stored there), instead of being writ-
ten to the next page as might be expected.
It is therefore necessary for the applica-
tion software to prevent page write opera-
tions that would attempt to cross a page
boundary.
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
10
1
0
1
1
00
Standby Pulse
SCIO
15 14 13 12
Word Address MSB
11 10 9 8
76 5 4
Word Address LSB
32 1 0
Twc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com