Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA044-E/MUY Datasheet(PDF) 29 Page - Microchip Technology

Part # 24AA044-E/MUY
Description  4K I2C??Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA044-E/MUY Datasheet(HTML) 29 Page - Microchip Technology

Back Button 24AA044-E/MUY Datasheet HTML 24Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 25Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 26Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 27Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 28Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 29Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 30Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 31Page - Microchip Technology 24AA044-E/MUY Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005286A-page 29
24AA044
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
24AA044: 1.7V, 4 Kbit Addressable Serial EEPROM.
24AA044T:1.7V, 4 Kbit Addressable Serial EEPROM
(Tape and Reel).
Temperature Range: I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
= Plastic DIP, (300 mil Body), 8-lead
SN
= Plastic SOIC, (3.90 mm Body)
ST
= TSSOP, 8-lead
MS
= MSOP, 8-lead
MUY(1) = Plastic Dual Flat (UDFN), No lead package,
2x3 mm body, 8-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
24AA044-I/P: Industrial Temperature, 1.7V,
PDIP Package
b)
24AA044-I/SN:
Industrial
Temperature,
1.7V, SOIC Package
c)
24AA044T-I/ST:
Industrial
Temperature,
1.7V, TSSOP Package, Tape and Reel
d)
24AA044T-E/MUY: Automotive Tempera-
ture, 1.7V, UDFN Package, Tape and Reel
e)
24AA044T-E/MS: Automotive Temperature,
1.7V, MSOP Package, Tape and Reel
Note 1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com