Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6660 Datasheet(PDF) 2 Page - Microchip Technology

Part # 2N6660
Description  N-Channel, Enhancement-Mode, Vertical DMOS FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N6660 Datasheet(HTML) 2 Page - Microchip Technology

  2N6660 Datasheet HTML 1Page - Microchip Technology 2N6660 Datasheet HTML 2Page - Microchip Technology 2N6660 Datasheet HTML 3Page - Microchip Technology 2N6660 Datasheet HTML 4Page - Microchip Technology 2N6660 Datasheet HTML 5Page - Microchip Technology 2N6660 Datasheet HTML 6Page - Microchip Technology 2N6660 Datasheet HTML 7Page - Microchip Technology 2N6660 Datasheet HTML 8Page - Microchip Technology 2N6660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2N6660
DS20005509A-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Drain-to-source voltage .........................................................................................................................................BVDSS
Drain-to-gate voltage.............................................................................................................................................BVDGS
Gate-to-source voltage............................................................................................................................................ ±20V
Operating and Storage Temperature.......................................................................................................... -55 to 150 °C
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle.
2: Specification is obtained by characterization and is not 100% tested.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TA = +25°C
Parameter
Symbol
Min
Typ
Max
Units Conditions
DC Parameters (Note 1, unless otherwise stated)
Drain-to-source breakdown voltage
BVDSS
60
-
-
V
VGS= 0V, ID= 10µA
Gate threshold voltage
VGS(th)
0.8
-
2.0
V
VGS= VDS, ID= 1.0mA
VGS(th) change with temperature
∆VGS(th)
--3.8
-5.5
mV/°C VGS= VDS, ID= 1.0mA (Note 2)
Gate body leakage current
IGSS
-
-
100
nA
VGS= ±20V, VDS= 0V
Zero gate voltage drain current
IDSS
--
10
µA
VGS= 0V, VDS= Max rating
-
-
500
VDS= 0.8 Max Rating,
VGS= 0V, TA= 125°C (Note 2)
On-state drain current
ID(ON)
1.5
-
-
A
VGS= 10V, VDS= 10V
Static drain-to-source on-state
resistance
RDS(ON)
--
5.0
Ω
VGS= 5.0V, ID= 0.3A
--
3.0
VGS= 10V, ID= 1.0A
AC Parameters (Note 2)
Forward transconductance
GFS
170
-
-
mmho VDS= 25V, ID= 0.5A
Input capacitance
CISS
--
50
pF
VGS= 0V,
VDS= 24V,
f = 1.0MHz
Common source output capacitance
COSS
--
40
Reverse transfer capacitance
CRSS
--
10
Turn-on time
t(ON)
--
10
ns
VDD= 25V, ID= 1.0A,
RGEN= 25Ω
Turn-off time
t(OFF)
--
10
Diode Parameters
Diode forward voltage drop
VSD
-1.2
-
V
VGS= 0V, ISD= 1.0A (Note 1)
Reverse recovery time
trr
-350
-
ns
VGS= 0V, ISD= 1.0A (Note 2)
TEMPERATURE SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units Conditions
Temperature Ranges
Operating and Storage Temperature
TA
-55
–
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com