Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC1025-E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC1025-E/P
Description  1024K I2C Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1025-E/P Datasheet(HTML) 4 Page - Microchip Technology

  24LC1025-E/P Datasheet HTML 1Page - Microchip Technology 24LC1025-E/P Datasheet HTML 2Page - Microchip Technology 24LC1025-E/P Datasheet HTML 3Page - Microchip Technology 24LC1025-E/P Datasheet HTML 4Page - Microchip Technology 24LC1025-E/P Datasheet HTML 5Page - Microchip Technology 24LC1025-E/P Datasheet HTML 6Page - Microchip Technology 24LC1025-E/P Datasheet HTML 7Page - Microchip Technology 24LC1025-E/P Datasheet HTML 8Page - Microchip Technology 24LC1025-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
24AA1025/24LC1025/24FC1025
DS20001941L-page 4
 2005-2013 Microchip Technology Inc.
FIGURE 1-1:
BUS TIMING DATA
11
TSU:WP
WP setup time
4000
4000
600
600
600
—
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
12
THD:WP
WP hold time
4700
4700
1300
1300
1300
—
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
13
TAA
Output valid from clock
(Note 2)
—
—
—
—
—
3500
3500
900
900
400
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
4700
1300
1300
500
—
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  4.5V, E-temp
2.5V
 VCC  5.5V
1.8V
 VCC  2.5V (24FC1025 only)
2.5V
 VCC  5.5V (24FC1025 only)
15
TSP
Input filter spike suppression
(SDA and SCL pins)
—
50
ns
All except 24FC1025 (Note 1 and Note 3)
16
TWC
Write cycle time (byte or page)
—
5
ms
—
17
Endurance
1,000,000
—
cycles Page mode, 25°C, VCC = 5.5V (Note 4)
AC CHARACTERISTICS (Continued)
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E): Vcc = +2.5V to 5.5V TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but established by characterization. For endurance estimates in a specific application,
please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.
(unprotected)
(protected)
SCL
SDA
IN
SDA
OUT
WP
5
7
6
15
3
2
89
13
D3
4
10
11
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com