Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR1021 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SCR1021
Description  Current Sense Type: SCR Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 2 Page - Sumida Corporation

  SCR1021 Datasheet HTML 1Page - Sumida Corporation SCR1021 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current Sense <Pin Type: SCR Series>
Type: SCR1021
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
No.
Sample No.
Turns
Ratio
Secondary L
10kHz/0.1V
[Within]
D.C.R. Sec.
(
Ω Max.)
Current
1 turn Pri.
(A)
Hi-pot(Pri.-Sec.)
(50/60Hz)
Schematic
01
PS05-163
1:50
7.70mH±35%
0.72
20
AC4000Vrms
A
02
PS05-164
1:100
30.9mH±35%
1.50
20
AC4000Vrms
A
03
PS05-165
1:150
69.5mH±35%
2.80
20
AC4000Vrms
A
04
PS05-166
1:200
123.6mH±35%
4.80
20
AC4000Vrms
A
05
PS05-167
1:250
193.0mH±35%
7.50
20
AC4000Vrms
A
06
PS05-168
1:300
278.0mH±35%
11.0
20
AC4000Vrms
A
07
PS05-169
1:400
494.5mH±35%
18.6
20
AC4000Vrms
A
08
PS05-170
1:25:25
1.93mH±35%
0.40
20
AC4000Vrms
B
09
PS05-171
1:50:50
7.70mH±35%
0.75
20
AC4000Vrms
B
10
PS05-172
1:100:100
30.9mH±35%
2.50
20
AC4000Vrms
B
11
PS05-173
1:150:150
69.5mH±35%
5.50
20
AC4000Vrms
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com