Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS4684 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMS4684
Description  0.5 Low-Voltage, Dual SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS4684 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS4684 Datasheet HTML 1Page - National Semiconductor (TI) LMS4684 Datasheet HTML 2Page - National Semiconductor (TI) LMS4684 Datasheet HTML 3Page - National Semiconductor (TI) LMS4684 Datasheet HTML 4Page - National Semiconductor (TI) LMS4684 Datasheet HTML 5Page - National Semiconductor (TI) LMS4684 Datasheet HTML 6Page - National Semiconductor (TI) LMS4684 Datasheet HTML 7Page - National Semiconductor (TI) LMS4684 Datasheet HTML 8Page - National Semiconductor (TI) LMS4684 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
+, IN
−0.3V to 6.0V
COM, NO, NC
−0.3V to (V
+ + 0.3V)
Continuous Current NO, NC,
COM
±400mA
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
150˚C Max
Operating Ratings
Nominal Supply Voltage
1.8V to 5.5V
Temperature Range
−40˚C to 85˚C
Thermal Resistance
θ
JA
LLP-10
TBD
micro SMD-12
TBD
Electrical Characteristics
Unless otherwise specified, V
+ = 2.7 to 3.3V, V
IH = 1.4V, VIL = 0.5V. Typical values are measured at 3V, and TJ = 25˚C.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
NO,
V
NC,
V
COM
Analog Signal Range
0
V
+
V
R
ON (NC)
NC-On-Resistance (Note 4)
V
+ =2.7, I
COM =100ma,
V
NC =0 to V
+
0.3
0.5
Ω
R
ON (NO)
NO-On-Resistance (Note 4)
V
+ =2.7, I
COM =100ma,
V
NO =0 to V
+
0.45
0.8
Ω
∆R
ON
On-Resistance Match Between
Channels (Note 4), (Note 5)
V
+ =2.7, I
COM =100ma,
V
NC or VNO =1.5V
0.06
Ω
R
FLAT(NC) NC-On-Resistance Flatness (Note 6)
V
+ =2.7V,
I
COM =100mA,
V
NC =0 to V
+
LLP
T
J =0˚C to 85˚C
0.15
Ω
micro SMD
T
J =0˚C to 85˚C
0.17
LLP
T
J = −40˚C to +85˚C
0.18
micro SMD
T
J = −40˚C to +85˚C
0.20
R
FLAT(NO) NO-On Resistance Flatness (Note 6)
V
+ =2.7V, I
COM =100mA,
V
NO = 0 to V
+
0.35
Ω
I
NO(OFF)
or
I
NC(OFF)
NO or NC Off-Leakage Current
V
+ =3.3V, V
NO or VNC =3V,
0.3V; V
COM =0.3V, 3V
−1
1
nA
−10
10
I
COM
(ON)
COM On-Leakage Current
V
+ =3.3V, V
NO or VNC =3V,
0.3V, or floating; V
COM =3V, or floating
−2
2
nA
−20
20
Dynamic Characteristics
t
ON
Turn-On Time
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
35
55
ns
65
t
OFF
Turn-Off Time
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
25
30
ns
40
t
BBM
Break-Before-Make-Delay
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
2
15
ns
Q
Charge Injection
COM =0; R
S =0; CL= 1nF;
200
pC
Digital I/O
V
IH
Input Logic High
1.4
V
V
IL
Input Logic Low
0.5
V
I
IN
IN Input Leakage Current
V
IN =0 or V
+
−1
1
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com