Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024-E/ST/P Datasheet(PDF) 29 Page - Microchip Technology

Part # 23LC1024-E/ST/P
Description  1Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024-E/ST/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button 23LC1024-E/ST/P Datasheet HTML 24Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 25Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 26Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 27Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 28Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 29Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 30Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 31Page - Microchip Technology 23LC1024-E/ST/P Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2012-2015 Microchip Technology Inc.
DS20005142C-page 29
23A1024/23LC1024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not all possible ordering options
are shown below.
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
23A1024 =
23LC1024 =
1 Mbit, 1.7 - 2.2V, SPI Serial SRAM
1 Mbit, 2.5 - 5.5V, SPI Serial SRAM
Tape & Reel:
Blank
=
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E=
-40
C to +85C
-40
C to +125C
Package:
SN
=
ST
=
P=
Plastic SOIC (3.90 mm body), 8-lead
Plastic TSSOP (4.4 mm body), 8-lead
Plastic PDIP (300 mil body), 8-lead
Examples:
a)
23A1024-I/ST = 1 Mbit, 1.7-2.2V Serial SRAM,
Industrial temp., TSSOP package
b)
23LC1024T-I/SN = 1 Mbit, 2.5-5.5V Serial
SRAM, Industrial temp., Tape & Reel, SOIC
package
c)
23LC1024-I/P = 1 Mbit, 2.5-5.5V Serial SRAM,
Industrial temp., PDIP package
d)
23A1024-E/ST = 1 Mbit, 1.7-2.2V Serial
SRAM, Extended temp., TSSOP package
e)
23LC1024T-E/SN = 1 Mbit, 2.5-5.5V Serial
SRAM, Extended temp., Tape & Reel, SOIC
package
f)
23LC1024-E/P = 1 Mbit, 2.5-5.5V Serial
SRAM, Extended temp., PDIP package
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com