Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC00-E/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # 24LC00-E/ST
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00-E/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24LC00-E/ST Datasheet HTML 23Page - Microchip Technology 24LC00-E/ST Datasheet HTML 24Page - Microchip Technology 24LC00-E/ST Datasheet HTML 25Page - Microchip Technology 24LC00-E/ST Datasheet HTML 26Page - Microchip Technology 24LC00-E/ST Datasheet HTML 27Page - Microchip Technology 24LC00-E/ST Datasheet HTML 28Page - Microchip Technology 24LC00-E/ST Datasheet HTML 29Page - Microchip Technology 24LC00-E/ST Datasheet HTML 30Page - Microchip Technology 24LC00-E/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 27
24AA00/24LC00/24C00
APPENDIX A: REVISION HISTORY
Revision E
Added DFN package.
Revision F (02/2007)
Revised Device Selection Table; Features Section;
Changed 1.8V to 1.7V; Revised Tables 1-1, 1-2;
Revised Product ID System; Replaced Package
Drawings; Replaced On-line Support page.
Revision G (03/2007)
Replaced Package Drawings (Rev. AM).
Revision H (11/2011)
Added TDFN Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com