Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLF3228 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSLF3228
Description  CAN Bus, AV/OA equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF3228 Datasheet(HTML) 1 Page - Sumida Corporation

  CSLF3228 Datasheet HTML 1Page - Sumida Corporation CSLF3228 Datasheet HTML 2Page - Sumida Corporation CSLF3228 Datasheet HTML 3Page - Sumida Corporation CSLF3228 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CSLF3228
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an
order. .
Page 1 of 2
Ver.1.0 (2015/03)
www.sumida.com
Features:
 Common mode choke coil for automobile
(up to 150 deg C)
 Small size and low profile
 Correspond RoHS directives
Applications
:
 CAN Bus, AV/OA equipment
 Suitable for DC common mode
Dimensions (mm)
Land patterns (mm)
Schematics (mm)
Electrical specifications
‘
.
Impedance
DCR
@10MHz
@20℃
CSLF3228NP-801
800(Typ)/Min.480
Ω
Max. 0.5
Ω
0.25A
CSLF3228NP-152
1500(Typ)/Min.900
Ω
Max. 1.0
Ω
0.2A
CSLF3228NP-322
3200(Typ)/Min.1900
Ω
Max.1.0
Ω
0.2A
CSLF3228NP-602
6000(Typ)/Min.2400
Ω
Max.2.0
Ω
0.15A
Parts No.
Rated current


Similar Part No. - CSLF3228

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF3226B SUMIDA-CSLF3226B Datasheet
152Kb / 3P
Power Inductors
CSLF3226B-100KC SUMIDA-CSLF3226B-100KC Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
CSLF3226B-101KC SUMIDA-CSLF3226B-101KC Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
CSLF3226B-102KC SUMIDA-CSLF3226B-102KC Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
CSLF3226B-120KC SUMIDA-CSLF3226B-120KC Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CSLF3228

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
For OA / AV
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
For OA / AV
NX5032GC NDK-NX5032GC_15 Datasheet
294Kb / 1P
For OA / AV
NX8045GB NDK-NX8045GB_15 Datasheet
672Kb / 1P
For OA / AV
logo
Sumida Corporation
CPFC0605 SUMIDA-CPFC0605 Datasheet
526Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
CPFC94B SUMIDA-CPFC94B Datasheet
415Kb / 4P
CAN Bus, LED head lamp unit, AV/OA equipment
logo
NIHON DEMPA KOGYO
NX5032GA_16 NDK-NX5032GA_16_11 Datasheet
698Kb / 1P
For OA / AV
NX3225GA NDK-NX3225GA_16 Datasheet
672Kb / 1P
For OA / AV
NX5032GB NDK-NX5032GB_16 Datasheet
697Kb / 1P
For OA / AV
NX8045GB_16 NDK-NX8045GB_16_11 Datasheet
695Kb / 1P
For OA / AV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com