Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC00-E/MC Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC00-E/MC
Description  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00-E/MC Datasheet(HTML) 1 Page - Microchip Technology

  24LC00-E/MC Datasheet HTML 1Page - Microchip Technology 24LC00-E/MC Datasheet HTML 2Page - Microchip Technology 24LC00-E/MC Datasheet HTML 3Page - Microchip Technology 24LC00-E/MC Datasheet HTML 4Page - Microchip Technology 24LC00-E/MC Datasheet HTML 5Page - Microchip Technology 24LC00-E/MC Datasheet HTML 6Page - Microchip Technology 24LC00-E/MC Datasheet HTML 7Page - Microchip Technology 24LC00-E/MC Datasheet HTML 8Page - Microchip Technology 24LC00-E/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 1
24AA00/24LC00/24C00
Device Selection Table
Features:
• Single Supply with Operation down to 1.8V for
24AA00 Devices, 2.5V for 24LC00 Devices
• Low-Power CMOS Technology:
- Read current 500
A, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, Typical
• Self-Timed Erase/Write Cycle
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN and 5-lead SOT-23
• Pb-Free and RoHS Compliant
• Temperature Ranges Available:
- Industrial (I):
-40
C to +85C
- Automotive (E): -40
C to +125C
Description:
The Microchip Technology Inc. 24AA00/24LC00/
24C00 (24XX00*) is a 128-bit Electrically Erasable
PROM memory organized as 16 x 8 with a 2-wire
serial interface. Low-voltage design permits operation
down to 1.8 volts for the 24AA00 version, and every
version maintains a maximum standby current of only
1
A and typical active current of only 500 A. This
device was designed for where a small amount of
EEPROM is needed for the storage of calibration
values, ID numbers or manufacturing information, etc.
The 24XX00 is available in 8-pin PDIP, 8-pin SOIC
(3.90 mm), 8-pin TSSOP, 8-pin 2x3 DFN, TDFN and
the 5-pin SOT-23 packages.
Package Types
Block Diagram
Device
VCC Range
Temp Range
24AA00
1.8-5.5
I
24LC00
2.5-5.5
I
24C00
4.5-5.5
I,E
1
2
3
4
8
7
6
5
15
4
3
8-PIN PDIP/SOIC
8-PIN TSSOP
5-PIN SOT-23
NC
NC
NC
Vss
VCC
NC
SCL
SDA
NC
NC
NC
VSS
VCC
NC
SCL
SDA
SCL
VSS
SDA
VCC
NC
1
2
3
4
8
7
6
5
2
DFN/TDFN
NC
NC
NC
VSS
NC
SCL
SDA
VCC
8
7
6
5
1
2
3
4
HV Generator
EEPROM
Array
YDEC
XDEC
Sense AMP
R/W Control
Memory
Control
Logic
I/O
Control
Logic
SDA
SCL
VCC
VSS
128-Bit I2C™ Bus Serial EEPROM
*24XX00 is used in this document as a generic part number for
the 24AA00/24LC00/24C00 devices.
I2C is a trademark of Philips Corporation.


Similar Part No. - 24LC00-E/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC00-E/MC MICROCHIP-24LC00-E/MC Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
More results

Similar Description - 24LC00-E/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
128 Bit I2C Bus Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
128-Bit Serial EEPROM
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
128 Bit I2C Bus Serial EEPROM
2007
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
128-Bit I2C??Bus Serial EEPROM
2007
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
logo
Microchip Technology
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
128-Bit I2C Bus Serial EEPROM
12/08/06
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
Microchip Technology
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com