Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS4684LD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS4684LD
Description  0.5 Low-Voltage, Dual SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS4684LD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMS4684LD Datasheet HTML 1Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 2Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 3Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 4Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 5Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 6Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 7Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 8Page - National Semiconductor (TI) LMS4684LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
+ = 2.7 to 3.3V, V
IH = 1.4V, VIL = 0.5V. Typical values are measured at 3V, and TJ = 25˚C.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power Supply
V
+
Power-Supply Range
1.8
5.5
V
I+
Supply Current (Note 4)
−50
0.04
50
nA
−200
200
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed.
Note 2: Human body model: 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
Note 3: The maximum power dissipation is a function of TJ(max) θJA and TA.
Note 4: Guaranteed by design.
Note 5:
∆RON is equal to the difference between NC1/NC2 RON or NO1/NO2 RON at a specified voltage.
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges.
Symbolic Diagram
20077503
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
12-Bump
micro SMD
LMS4684ITL
F09A
250 Units Tape and Reel
TLA12DPA
LMS4684ITLX
3k Units Tape and Reel
10-Pin LLP
LMS4684LD
L4684
1k Units Tape and Reel
LDA10B
LMS4684LDX
4.5k Units Tape and Reel
Pin Descriptions
Name
Pin ID
Description
LLP
micro SMD
NC
5, 7
D3, D1
Analog switch normally closed terminal
IN
4, 8
C3, C1
Digital control input
COM
3, 9
B3, B1
Analog switch common terminal
NO
2, 10
A3, A1
Analog switch normally open terminal
V
+
1
A2
Positive supply voltage
GND
6, GND
D2
Ground
B2, C2
Not electrically connected. Can be used to help dissipate heat by connecting to GND
pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com