Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPFC8D55/MS Datasheet(PDF) 5 Page - Sumida Corporation

Part # CPFC8D55/MS
Description  It is a signal common mode choke coils, widely used in LAN & communication devices.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC8D55/MS Datasheet(HTML) 5 Page - Sumida Corporation

  CPFC8D55/MS Datasheet HTML 1Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 2Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 3Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 4Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 5Page - Sumida Corporation CPFC8D55/MS Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.sumida.com
5
Nov-2010
1
8
2
7
5
4
6
3
CHIP SIDE
CABLE SIDE
COMMON MODE CHOKE COILS
CSFC86
Features
1CT:1CT turn ratio Dual CMC Coils.
Reduces radiated EMI emissions.
Suppress common mode noise for EMI reduction.
Mechanical Dimension & Recommended General PCB Layout.
Unspecified Tolerance is 0.25/ [±0.01]
Unit: mm / [Inches]
Electrical Specifications @25
℃
ITEM
SPECIFICATION
CONDITION
TURNS RATIO & POLARITY
(8-1):(7-2)
1:1±1%
TURNS RATIO & POLARITY
(6-3):(5-4)
1:1±1%
Zp
(COMMON MODE)
600
MIN.
10MHz
~100MHz
Zp
(COMMON MODE)
1500
MIN.
50MHz
~100MHz
Schematic:
Outline
It is a signal common mode choke coils, widely used in LAN & communication devices.
. 0 5 0
[ 1 . 2 7 ]
. 1 0 0
[ 2 . 5 4 ]
. 3 0 0
[ 7 . 6 2 ]
.
4
5
0
[
1
1
.
4
3
]
.
1
5
0
[
3
.
8
1
]
10.54±0.25
10
.0
3±
0.
51
6.35±0.25
2.54±0.25
0.64 Max.
1
4
8
5
8
1
6.
99
±
0.
25
8.
3±
0.
25
0.5
1
4
8
5
胶水



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com