Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLF137 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSLF137
Description  Common Mode Choke Coils Type: CSLF Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF137 Datasheet(HTML) 1 Page - Sumida Corporation

  CSLF137 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Choke Coils <SMD Type: CSLF Series>
Type: CSLF137
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
C6105
CH
14.2 MAX
7.4 MAX
2.54±0.1
4
1
0.5±0.1
5
8
14
.3
MA
X
4 SURFACES
+0.15
-0.1
SUMDIA LOGO
TERMINAL #1
10.15±0.3
13
.3
4
1
8
S
S
5
◆ Product Description
・14.3×14.2mm Max.(L×W), 7.4mm Max. Height.
・Custom design is available.
◆
Feature
・Ideally used in telephone device.
・RoHS Compliance.
◆
Dimensions (mm)
◆
Land Pattern (mm) and Schematics (Bottom)
◆ Specification ( P/N :C6105 )
Measuring Conditions
Inductance
(1-8)/(4-5)
10.0mH min.
100kHz,0.1V,12mA DC
Inductance
(1-8)/(4-5)
12.0mH min.
100kHz,1.0V
D.C.R.
(1-8)/(4-5)
11.8
Ω max.
20
℃
Leakage Inductance 1-4(TIE 8+5)
1.2mH min.
100kHz, 0.1V, 130mA
Hipot
(1-4)
500V AC
1 Sec. 0.5mA
12
.3
2
5.08
1
2.54
“S” is winding start


Similar Part No. - CSLF137

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
CSLF1205 SUMIDA-CSLF1205 Datasheet
529Kb / 6P
It is a signal common mode choke coils, widely used in LAN & communication devices.
More results

Similar Description - CSLF137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM2010 ETC1-TCM2010 Datasheet
42Kb / 1P
Common Mode Choke Coils for Signal Line SMD
logo
Delta Electronics, Inc.
CER08C01SM DELTA-CER08C01SM Datasheet
62Kb / 1P
SMD TYPE Common-Mode Choke
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
Sumida Corporation
CPFC85-1M15NP SUMIDA-CPFC85-1M15NP Datasheet
132Kb / 1P
Common Mode Choke SMD Type: CPFC Series
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
SMD COMMON MODE CHOKE COILS
logo
Sumida Corporation
CSLF4D25 SUMIDA-CSLF4D25 Datasheet
98Kb / 2P
Common Mode Choke Coils
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
Common Mode Choke Coils
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com