Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLF4D25 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSLF4D25
Description  Common Mode Choke Coils Type: CSLF Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSLF4D25 Datasheet(HTML) 1 Page - Sumida Corporation

  CSLF4D25 Datasheet HTML 1Page - Sumida Corporation CSLF4D25 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Common Mode Choke Coils <SMD Type: CSLF Series>
Type: CSLF4D25
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
1.4
2.3
2.
1
1.
1
5.1
5.
3
◆ Product Description
・5.3×5.0mm Max.(L×W), 2.5mm Max. Height.
・Custom design is available.
◆
Feature
・Ideally used in DVC ,Portable equipment, Audio equipment, Car navigation etc.
・RoHS Compliance.
◆
Dimensions (mm)
◆
Land Pattern (mm) and Schematics (Bottom)
◆ Specification
Part Name
Stamp
Turns
Impedance
( )
(at 10MHz,0.5V)
D.C.R (m )
[Within
]
(1-2)and(3-4)
Rated
voltage
(V)(Max)
Rated
current
(A)
※
(Max)
CSLF4D25NP-34
01
2.5
34±10
13±40%
50
3.5
CSLF4D25NP-55
02
3.5
55±25
17±40%
50
3.0
CSLF4D25NP-100
03
4.5
100±55
22±40%
50
2.5
CSLF4D25NP-132
04
5.5
132±85
28±40%
50
2.0
CSLF4D25NP-210
05
6.5
210±110
40±40%
50
1.5
※ Rated current is the current value at which coil’s temperature rise is △t=45℃ (2 and 3 shorted, Ta=20℃)
1
2
3
4
“S” is winding start.
S
S


Similar Part No. - CSLF4D25

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
Common Mode Choke Coils
CSLF4D17NP-122 SUMIDA-CSLF4D17NP-122 Datasheet
193Kb / 2P
Common Mode Choke Coils
CSLF4D17NP-212 SUMIDA-CSLF4D17NP-212 Datasheet
193Kb / 2P
Common Mode Choke Coils
CSLF4D17NP-391 SUMIDA-CSLF4D17NP-391 Datasheet
193Kb / 2P
Common Mode Choke Coils
CSLF4D17NP-781 SUMIDA-CSLF4D17NP-781 Datasheet
193Kb / 2P
Common Mode Choke Coils
More results

Similar Description - CSLF4D25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM2010 ETC1-TCM2010 Datasheet
42Kb / 1P
Common Mode Choke Coils for Signal Line SMD
logo
Delta Electronics, Inc.
CER08C01SM DELTA-CER08C01SM Datasheet
62Kb / 1P
SMD TYPE Common-Mode Choke
logo
Sumida Corporation
CBM6068 SUMIDA-CBM6068 Datasheet
252Kb / 1P
Common Mode Choke Coils
logo
KOA Speer Electronics, ...
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
common mode choke coils
logo
Sumida Corporation
CPFC85-1M15NP SUMIDA-CPFC85-1M15NP Datasheet
132Kb / 1P
Common Mode Choke SMD Type: CPFC Series
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
SMD COMMON MODE CHOKE COILS
logo
Sumida Corporation
CSLF137 SUMIDA-CSLF137 Datasheet
115Kb / 1P
Common Mode Choke Coils
CSLF4D17 SUMIDA-CSLF4D17 Datasheet
193Kb / 2P
Common Mode Choke Coils
NFC56D80 SUMIDA-NFC56D80 Datasheet
184Kb / 1P
Common Mode Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com