Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2289 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2289
Description  2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2289 Datasheet HTML 1Page - Micrel Semiconductor MIC2289 Datasheet HTML 2Page - Micrel Semiconductor MIC2289 Datasheet HTML 3Page - Micrel Semiconductor MIC2289 Datasheet HTML 4Page - Micrel Semiconductor MIC2289 Datasheet HTML 5Page - Micrel Semiconductor MIC2289 Datasheet HTML 6Page - Micrel Semiconductor MIC2289 Datasheet HTML 7Page - Micrel Semiconductor MIC2289 Datasheet HTML 8Page - Micrel Semiconductor MIC2289 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
MIC2289
July 2007
5
M9999-071007
Functional Diagram
GND
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OUT
VIN
95mV
gm
OVP
S
MIC2289 Block Diagram
Functional Description
The MIC2289 is a constant frequency, PWM current
mode boost regulator. The block diagram is shown
above. The MIC2289 is composed of an oscillator, slope
compensation ramp generator, current amplifier, gm error
amplifier, PWM generator, 500mA bipolar output
transistor, and Schottky rectifier diode. The oscillator
generates a 1.2MHz clock. The clock’s two functions are
to trigger the PWM generator that turns on the output
transistor and to reset the slope compensation ramp
generator. The current amplifier is used to measure the
switch current by amplifying the voltage signal from the
internal sense resistor. The output of the current
amplifier is summed with the output of the slope
compensation ramp generator. This summed current-
loop signal is fed to one of the inputs of the PWM
generator.
The gm error amplifier measures the LED current through
the external sense resistor and amplifies the error
between the detected signal and the 95mV reference
voltage. The output of the gm error amplifier provides the
voltage-loop signal that is fed to the other input of the
PWM generator. When the current-loop signal exceeds
the voltage-loop signal, the PWM generator turns off the
bipolar output transistor. The next clock period initiates
the next switching cycle, maintaining the constant
frequency current-mode PWM control. The LED is set by
the feedback resistor:
FB
LED
R
95mW
I
=
The Enable pin shuts down the output switching and
disables control circuitry to reduce input current-to-
leakage levels. Enable pin input current is zero at zero
volts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com