Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP101APZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TFP101APZP
Description  Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP101APZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP101APZP Datasheet HTML 1Page - Texas Instruments TFP101APZP Datasheet HTML 2Page - Texas Instruments TFP101APZP Datasheet HTML 3Page - Texas Instruments TFP101APZP Datasheet HTML 4Page - Texas Instruments TFP101APZP Datasheet HTML 5Page - Texas Instruments TFP101APZP Datasheet HTML 6Page - Texas Instruments TFP101APZP Datasheet HTML 7Page - Texas Instruments TFP101APZP Datasheet HTML 8Page - Texas Instruments TFP101APZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TFP101, TFP101A
TI PanelBus DIGITAL RECEIVER
SLDS119C - MARCH 2000 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports XGA Resolution
(Output Pixel Rates Up to 86 MHz)
D Digital Visual Interface (DVI) Specification
Compliant1
D True-Color, 24 Bit/Pixel, 16.7M Colors at 1
or 2-Pixels Per Clock
D Laser Trimmed Internal Termination
Resistors for Optimum Fixed Impedance
Matching
D Skew Tolerant Up to One Pixel Clock Cycle
D 4x Over-Sampling
D Reduced Power Consumption − 1.8 V Core
Operation With 3.3 V I/Os and Supplies2
D Reduced Ground Bounce Using Time
Staggered Pixel Outputs
D Lowest Noise and Best Power Dissipation
Using TI PowerPAD
 Packaging
D Advanced Technology Using TI 0.18-µm
EPIC-5
 CMOS Process
D TFP101A Incorporates HSYNC Jitter
Immunity3
description
The Texas Instruments TFP101 and TFP101A are TI PanelBus
 flat panel display products, part of a
comprehensive family of end-to-end DVI 1.0 compliant solutions. Targeted primarily at desktop LCD monitors
and digital projectors, the TFP101/101A finds applications in any design requiring high-speed digital interface.
The TFP101/101A supports display resolutions up to XGA in 24-bit true color pixel format. The TFP101/101A
offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN panels, and provides an option
for time staggered pixel outputs for reduced ground bounce.
PowerPAD
 advanced packaging technology results in best of class power dissipation, footprint, and ultra-low
ground inductance.
The TFP101/101A combines PanelBus
 circuit innovation with TI’s advanced 0.18-µm EPIC-5 CMOS
process technology, along with TI PowerPAD
 package technology to achieve a reliable, low-powered, low
noise, high-speed digital interface solution.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
100-TQFP
(PZP)
0
°C to 70°C
TFP101PZP
0
°C to 70°C
TFP101APZP
1.
The Digital Visual Interface Specification, DVI, is an industry standard developed by the Digital Display Working Group (DDWG) for
high-speed digital connection to digital displays The TFP101 and TFP101A are compliant to the DVI Specification Rev. 1.0.
2.
The TFP101/101A has an internal voltage regulator that provides the 1.8-V core power supply from the externally supplied 3.3-V
supplies.
3.
The TFP101A incorporates additional circuitry to create a stable HSYNC from DVI transmitters that introduce undesirable jitter on
the transmitted HSYNC signal.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PanelBus, PowerPAD and EPIC-5 are trademarks of Texas Instruments.
I2C is a licensed bus protocol from Phillips Semiconductor, Inc.
Not Recommended for New Designs


Similar Part No. - TFP101APZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101APZP TI-TFP101APZP Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
More results

Similar Description - TFP101APZP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-64 ETC2-SI-64 Datasheet
414Kb / 1P
Supports up to four display outputs
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
Supports up to 15??laptops.
logo
Texas Instruments
TFP201 TI1-TFP201_14 Datasheet
548Kb / 21P
Supports SXGA Resolution
TFP403 TI1-TFP403_13 Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
logo
Xilinx, Inc
XCCACEM16BG388I XILINX-XCCACEM16BG388I Datasheet
311Kb / 29P
Configuration rates up to 152 Mb per second
DS416 XILINX-DS416 Datasheet
1,021Kb / 50P
Supports up to 2 physical channels
logo
Level One
NVR-1204 LVL1-NVR-1204 Datasheet
969Kb / 3P
Recording up to 10MP resolution
logo
List of Unclassifed Man...
2831E ETC2-2831E Datasheet
2Mb / 5P
Up to 50,000 count display resolution
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Maxim Integrated Produc...
MAX20307EVKIT MAXIM-MAX20307EVKIT Datasheet
774Kb / 9P
Supports Fast Drive Signals up to 15MHz
Rev 0; 5/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com