Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201PZP Datasheet(PDF) 12 Page - Texas Instruments

Part # TFP201PZP
Description  Supports SXGA Resolution
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP201PZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TFP201PZP Datasheet HTML 8Page - Texas Instruments TFP201PZP Datasheet HTML 9Page - Texas Instruments TFP201PZP Datasheet HTML 10Page - Texas Instruments TFP201PZP Datasheet HTML 11Page - Texas Instruments TFP201PZP Datasheet HTML 12Page - Texas Instruments TFP201PZP Datasheet HTML 13Page - Texas Instruments TFP201PZP Datasheet HTML 14Page - Texas Instruments TFP201PZP Datasheet HTML 15Page - Texas Instruments TFP201PZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 − REVISED JUNE 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
TFP201/201A TMDS input levels and input impedance matching (continued)
_
+
Internal
Termination at 50
Ω
AVDD
DVI Compliant Cable
DATA
DATA
TI TFP201/201A
Receiver
DVI
Transmitter
Current
Source
Figure 14. TMDS Differential Input and Transmitter Connection
1/2 VIDIFF
AVCC
AVCC - 1/2 VIDIFF
+ 1/2 VIDIFF
- 1/2 VIDIFF
VIDIFF
a ) Single-Ended Input Signal
b) Differential Input Signal
Figure 15. TMDS Inputs
TFP201A incorporates HSYNC jitter immunity
Several DVI transmitters available in the market introduce jitter on the transmitted HSYNC and VSYNC signals
during the TMDS encryption process. The HSYNC signal can shift by one pixel position (one clock) from nominal
in either direction, resulting in up to two cycles of HSYNC shift. This jitter carries through to the DVI receiver,
and if the position of HSYNC shifts continuously, the receiver can lose track of the input timing and pixel noise
will occur on the display. For this reason, a DVI compliant receiver with HSYNC jitter immunity should be used
in all displays that could be connected to host PCs with transmitters that have this HSYNC jitter problem.
The TFP201A integrates HSYNC regeneration circuitry that provides a seamless interface to these
noncompliant transmitters. The position of the data enable (DE) signal is always fixed in relation to data,
irrespective of the location of HSYNC. The TFP201A receiver uses the DE and clock signals recreate stable
vertical and horizontal sync signals. The circuit filters the HSYNC output of the receiver, and HSYNC is shifted
to the nearest eighth bit boundary, producing a stable output with respect to data, as shown in Figure 16. This
will ensure accurate data synchronization at the input of the display timing controller.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com