Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5334B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMB5334B
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB5334B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB5334B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB5334B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMB5388B
SMB5387B
SMB5386B
SMB5385B
SMB5384B
SMB5383B
SMB5382B
SMB5381B
SMB5380B
SMB5379B
SMB5378B
SMB5377B
SMB5376B
SMB5375B
SMB5374B
SMB5373B
SMB5372B
SMB5371B
SMB5370B
SMB5369B
SMB5368B
SMB5367B
SMB5366B
SMB5365B
SMB5364B
SMB5363B
SMB5362B
SMB5361B
SMB5360B
SMB5359B
SMB5358B
SMB5357B
SMB5356B
SMB5355B
SMB5354B
SMB5353B
SMB5352B
SMB5351B
SMB5350B
SMB5349B
SMB5348B
SMB5347B
SMB5346B
SMB5345B
SMB5344B
SMB5343B
SMB5342B
SMB5341B
SMB5340B
SMB5339B
SMB5338B
SMB5337B
SMB5336B
SMB5335B
SMB5334B
SMB5333B
2 of 2
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Regulator
Maximum Zener
Maximum Reverse
Maximum
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Voltage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
Regulator
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆VZ
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
Notes :
(1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com