Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF18GL Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SF18GL
Description  GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF18GL Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SF18GL Datasheet HTML 1Page - Diode Semiconductor Korea SF18GL Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
15
30
1
10
100
10
TJ=TJMAX
8.3ms Single Half sine=wave
(JEDEC Method)
25
20
0
10
100
1
10
100
TJ=25
4
0.6
0.8
1.0
1.2
1.6
1.4
.01
0.1
1.0
10
1.8
TJ=25 C
Pulse Width=300 s
1% Duty Cycle
0
0
0.25
0.5
0.75
1.0
25
50
75
100
125
150
1.25
175
1.5
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0
2 0
4 0
80
60
.01
0.1
1.0
10
100
TJ=25
TJ=100
TJ=125
SF11GL---SF18GL
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2 -- TYPICAL INSTANTANEOUS FORWARD
VVVVVVVVVVCHARACTERISTICS
FIG.1 --FORWARD CURRENT DERATING CURVE
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- TYPICAL REVERSE CHARCTERISTICS
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
SF11GL-SF14GL
SF15GL-SF16GL
SF17GL-SF18GL
SF15GL - SF18GL
SF11GL - SF14GL
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com