Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403PZP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TFP403PZP
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403PZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TFP403PZP Datasheet HTML 8Page - Texas Instruments TFP403PZP Datasheet HTML 9Page - Texas Instruments TFP403PZP Datasheet HTML 10Page - Texas Instruments TFP403PZP Datasheet HTML 11Page - Texas Instruments TFP403PZP Datasheet HTML 12Page - Texas Instruments TFP403PZP Datasheet HTML 13Page - Texas Instruments TFP403PZP Datasheet HTML 14Page - Texas Instruments TFP403PZP Datasheet HTML 15Page - Texas Instruments TFP403PZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
TFP403 clocking and data synchronization
The TFP403 receives a clock reference from the DVI transmitter that has a period equal to the pixel time, Tpix.
The frequency of this clock is also referred to as the pixel rate. Since the TMDS encoded data on Rx[2:0]
contains 10 bits per 8 bit pixel it follows that the Rx[2:0] serial bit rate is 10 times the pixel rate. For example,
the required pixel rate to support an UXGA resolution with 60 Hz refresh rate is 165 MHz. The TMDS serial bit
rate is 10x the pixel rate or 1.65 Gb/s. Due to the transmission of this high-speed digital bit stream, on three
separate channels (or twisted-pair wires) of long distances (3-5 meters), phase synchronization between the
data steams and the input reference clock is not guaranteed. In addition, skew between the three data channels
is common. The TFP403 uses a 4x oversampling scheme of the input data streams to achieve reliable
synchronization with up to 1-Tpix channel-to-channel skew tolerance. Accumulated jitter on the clock and data
lines due to reflections and external noise sources is also typical of high speed serial data transmission, hence
the TFP403s design for high jitter tolerance.
The input clock to the TFP403 is conditioned by a phase-locked-loop (PLL) to remove high frequency jitter from
the clock. The PLL provides four 10x clock outputs of different phase to locate and sync the TMDS data streams
(4x oversampling). During active display the pixel data is encoded to be transition minimized, whereas in blank,
the control data is encoded to be transition maximized. A DVI compliant transmitter is required to transmit in
blank for a minimum period of time, 128-Tpix, to ensure sufficient time for data synchronization when the
receiver sees a transition maximized code. Synchronization during blank, when the data is transition
maximized, ensures reliable data bit boundary detection. Phase synchronization to the data streams is unique
for each of the three input channels and is maintained as long as the link remains active.
TFP403 TMDS input levels and input impedance matching
The TMDS inputs to the TFP403 receiver have a fixed single-ended termination to AVDD The TFP403 is
internally optimized using a laser trim process to precisely fix the impedance at 50 Ω. The device will function
normally with or without a resistor on the EXT_RES pin, so it remains drop-in compatible with current sockets.
The fixed impedance eliminates the need for an external resistor while providing optimum impedance matching
to standard 50-Ω DVI cables.
Figure 12 shows a conceptual schematic of a DVI transmitter and TFP403 receiver connection. A transmitter
drives the twisted pair cable via a current source, usually achieved with an open drain type output driver. The
internal resistor, which is matched to the cable impedance, at the TFP403 input provides a pullup to AVDD.
Naturally, when the transmitter is disconnected and the TFP403 DVI inputs are left unconnected, the TFP403
receiver inputs pullup to AVDD. The single ended differential signal and full differential signal is shown in
Figure 13. The TFP403 is designed to respond to differential signal swings ranging from 150 mV to 1.56 V with
common mode voltages ranging from (AVDD-300 mV) to (AVDD-37 mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com