Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF37G Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SF37G
Description  GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF37G Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SF37G Datasheet HTML 1Page - Diode Semiconductor Korea SF37G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Glass passivated junction
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SF32
SF33 SF34
SF35 SF36 SF37 SF38 UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=125
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
50
1.3
1.7
0.95
100
SF31G---SF38G
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
3. Thermal resistance f rom junction to ambient.
A
125.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
- 55 ----- + 175
- 55 ----- + 175
35
GLASS PASSIVATED RECTIFIERS
SF31
50
100
150
200
300
400
500
600
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 3.0 A
DO - 27
20
50.0
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
35
70
105
140
210
280
350
420
50
100
150
200
300
400
500
600
3.0
G
G
G
G
G
G
G
G
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SF37G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF37G TSC-SF37G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
SF37G TSC-SF37G Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF37G BILIN-SF37G Datasheet
159Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF37G MIC-SF37G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF37G CHONGQING-SF37G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF37G

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
Glass Passivated Rectifiers
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
EM512G DACO-EM512G Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIERS
GR301G DACO-GR301G Datasheet
853Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
6A05GS HY-6A05GS Datasheet
758Kb / 3P
Glass Passivated Rectifiers
15AAG HY-15AAG Datasheet
760Kb / 3P
Glass Passivated Rectifiers
1A1G HY-1A1G_V01 Datasheet
775Kb / 3P
Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com