Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC920 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P89LPC920
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC920 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P89LPC920 Datasheet HTML 14Page - NXP Semiconductors P89LPC920 Datasheet HTML 15Page - NXP Semiconductors P89LPC920 Datasheet HTML 16Page - NXP Semiconductors P89LPC920 Datasheet HTML 17Page - NXP Semiconductors P89LPC920 Datasheet HTML 18Page - NXP Semiconductors P89LPC920 Datasheet HTML 19Page - NXP Semiconductors P89LPC920 Datasheet HTML 20Page - NXP Semiconductors P89LPC920 Datasheet HTML 21Page - NXP Semiconductors P89LPC920 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
18 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.12 I/O ports
The P89LPC920/921/922 has three I/O ports: Port 0, Port 1, and Port 3. Ports 0 and
1 are 8-bit ports, and Port 3 is a 2-bit port. The exact number of I/O pins available
depend upon the clock and reset options chosen, as shown in Table 6.
8.12.1
Port configurations
All but three I/O port pins on the P89LPC920/921/922 may be configured by software
to one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard
80C51 port outputs), push-pull, open drain, and input-only. Two configuration
registers for each port select the output type for each port pin.
P1.5 (RST) can only be an input and cannot be configured.
P1.2 (SCL/T0) and P1.3 (SDA/INT0) may only be configured to be either input-only or
open-drain.
Fig 6.
Interrupt sources, interrupt enables, and power-down wake-up sources.
002aaa418
IE0
EX0
IE1
EX1
BOPD
EBO
KBIF
EKBI
INTERRUPT
TO CPU
WAKE-UP
(IF IN POWER-DOWN)
EWDRT
CMF2
CMF1
EC
EA (IE0.7)
TF0
ET0
TF1
ET1
TI & RI/RI
ES/ESR
TI
EST
SI
EI2C
RTCF
ERTC
(RTCCON.1)
WDOVF
Table 6:
Number of I/O pins available
Clock source
Reset option
Number of I/O pins
(20-pin package)
On-chip oscillator or watchdog oscillator
No external reset (except during power-up)
18
External RST pin supported
17
External clock input
No external reset (except during power-up)
17
External RST pin supported
16
Low/medium/high speed oscillator
(external crystal or resonator)
No external reset (except during power-up)
16
External RST pin supported
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com