Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC50 Datasheet(PDF) 21 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THMC50 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 17Page - Texas Instruments THMC50 Datasheet HTML 18Page - Texas Instruments THMC50 Datasheet HTML 19Page - Texas Instruments THMC50 Datasheet HTML 20Page - Texas Instruments THMC50 Datasheet HTML 21Page - Texas Instruments THMC50 Datasheet HTML 22Page - Texas Instruments THMC50 Datasheet HTML 23Page - Texas Instruments THMC50 Datasheet HTML 24Page - Texas Instruments THMC50 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
diode fault status
The THMC50 provides for indications of a fault (open or short-circuited) with the remote thermal diode. Before
a remote thermal diode conversion is updated, the status of the remote thermal diode is checked for an
open-circuited or short-circuited condition. If such a fault condition occurs, a status bit is set in the status register,
and an interrupt is generated (unless masked). An open or shorted condition on the remote diode causes the
remote temperature value to read 0x80, does not have an effect on the FAN_SPD output, and does not cause
a THERM condition.
The following table describes the THMC50 behavior under various remote diode fault conditions:
FAULT CONDITION ON
Remote_Diode+ and Remote_Diode_
REMOTE TEMPERATURE
(REGISTER 0x26)
THERM
ACTIVATED
INT
GENERATED
REMOTE DIODE DEFAULT
STATUS BITS SET
Any remote diode pin open
0x80
No†
Yes‡
Yes
Short between Remote_Diode
± pins
0x80
No†
Yes‡
Yes
Remote_Diode+ short to supply
0x80
No†
Yes‡
Yes
Remote_Diode+ short to GND
0x80
No†
Yes‡
Yes
Remote_Diode– shorted to supply
0x80
No†
Yes‡
Yes
Remote_Diode– shorted to GND
Normal operation
No§
No§
No
† THERM will not be asserted due to this fault, however, THERM could still activate due to a valid internal temperature THERM condition or if
THERM is asserted externally.
‡ INT will not be generated if the Remote diode fault is masked. A remote temperature error INT or a remote temperature error status bit will not
be generated by a faulted remote diode.
§ THERM or INT will be asserted if the temperature in 0x26 meets the criteria for a THERM or INT event and INT is not masked.
interrupt output
All interrupts are indicated in the interrupt status register and its mirror register. The INT output has an individual
mask register and individual masks for each interrupt. This hardware interrupt line can also be enabled/disabled
in the configuration register. When enabled, the INT line reflects all interrupt error conditions. INT can be
generated from the following sources:
D Temperature Interrupt: An interrupt is generated if a high or a low temperature limit has been exceeded
on either the local or remote thermal diode.
D Remote Diode Fault Interrupt: An interrupt is generated if either a short-circuit or open-circuit fault exists
on the remote thermal diode inputs.
general-purpose input - GPI
The GPI logic input terminal allows the THMC50 SMBus host to read the logic state of this input terminal by
reading bit 4 of the interrupt status register (0x41). The logic state of the GPI terminal reported in bit 4 of the
interrupt status register (0x41) is inverted from the actual GPI logic state if bit 6 of the configuration register
(0x40) is set to a 1. If bit 6 of the configuration register (0x40) is set to a 0, then bit 4 of the interrupt status register
(0x41) reports the same logic state present on the GPI terminal. The GPI interrupt bit can be masked by setting
bit 4 of the interrupt mask register (0x43) to 1. Note that the state of GPI is not latched into bit 4; this bit simply
reflects the state or inverted state of the GPI terminal. If this bit is 1, reading this register does not clear it to 0.
interrupt clearing
Reading the interrupt status register or the interrupt status register mirror outputs the contents of the register
and resets that register only. A subsequent read done before the next conversion is complete indicates a cleared
register. Allow at least 1.5 seconds for all registers to be updated between reads. In summary, the interrupt
status register clears upon being read, and requires at least 1.5 seconds to be updated. When the interrupt
status register clears, the INT output also clears until the registers are updated by the next conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com