Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3487 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3487
Description  Quad TRI-STATE Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3487 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3487 Datasheet HTML 1Page - National Semiconductor (TI) DS3487 Datasheet HTML 2Page - National Semiconductor (TI) DS3487 Datasheet HTML 3Page - National Semiconductor (TI) DS3487 Datasheet HTML 4Page - National Semiconductor (TI) DS3487 Datasheet HTML 5Page - National Semiconductor (TI) DS3487 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
8V
Input Voltage
5.5V
Storage Temperature
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded DIP Package
1476 mW
SO Package
1051 mW
Lead Temperature
(Soldering, 4 seconds)
260˚C
Operating Conditions
Min
Max
Units
Supply Voltage, V
CC
DS3487
4.75
5.25
V
Temperature (T
A)
DS3487
0
+70
˚C
Note 1: Derate DIP molded package 11.9 mW/˚C above 25˚C. Derate SO
package 8.41 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
I
IL
Input Low Current
V
IL = 0.5V
−200
µA
I
IH
Input High Current
V
IH = 2.7V
50
µA
V
IH = 5.5V
100
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
V
V
OL
Output Low Voltage
I
OL = 48 mA
0.5
V
V
OH
Output High Voltage
I
OH = −20 mA
2.5
V
I
OS
Output Short-Circuit Current
−40
−140
mA
I
OZ
Output Leakage Current
(TRI-STATE)
V
O = 0.5V
−100
µA
V
O = 5.5V
100
µA
I
OFF
Output Leakage Current Power OFF
V
CC = 0V
V
O = 6V
100
µA
V
O = −0.25V
−100
µA
|V
OS–V
OS|
Difference in Output Offset Voltage
0.4
V
V
T
Differential Output Voltage
2.0
V
|V
T|– V T|
Difference in Differential Output
Voltage
0.4
V
I
CC
Power Supply Current
Active
50
80
mA
TRI-STATE®
35
60
mA
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHL
Input to Output
10
15
ns
t
PLH
Input to Output
10
15
ns
t
THL
Differential Fall Time
10
15
ns
t
TLH
Differential Rise Time
10
15
ns
t
PHZ
Enable to Output
R
L = 200Ω,CL = 50 pF
17
25
ns
t
PLZ
Enable to Output
R
L = 200Ω,CL = 50 pF
15
25
ns
t
PZH
Enable to Output
R
L = ∞,CL = 50 pF, S1 Open
11
25
ns
t
PZL
Enable to Output
R
L = 200Ω,CL = 50 pF, S2 Open
15
25
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS3487. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into device pins are positive, all currents out of device pins as negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
Note 6: Symbols and definitions correspond to EIA RS-422, where applicable.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com