Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005EB
Description  Low VF MEGA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EB Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005EB Datasheet HTML 1Page - NXP Semiconductors PMEG2005EB Datasheet HTML 2Page - NXP Semiconductors PMEG2005EB Datasheet HTML 3Page - NXP Semiconductors PMEG2005EB Datasheet HTML 4Page - NXP Semiconductors PMEG2005EB Datasheet HTML 5Page - NXP Semiconductors PMEG2005EB Datasheet HTML 6Page - NXP Semiconductors PMEG2005EB Datasheet HTML 7Page - NXP Semiconductors PMEG2005EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003 Apr 04
2
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
PMEG2005EB
FEATURES
• Forward current: 0.5 A
• Reverse voltage: 20 V
• Very low forward voltage
• Guard ring protected
• Ultra small SMD package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Low current rectification
• Low power consumption applications (e.g. handheld
devices).
DESCRIPTION
Planar Maximum Efficiency General Application (MEGA)
Schottky barrier diode, encapsulated in a SOD523
(SC-79) ultra small SMD plastic package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
ka


Top view
MAM403
Fig.1
Simplified outline (SOD523; SC-79) and
symbol.
Marking code: L5.
The marking bar indicates the cathode.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
20
V
IF
continuous forward current
−
500
mA
IFRM
repetitive peak forward current
tp = 1 ms; δ≤ 0.25
−
3.5
A
IFSM
non-repetitive peak forward current
t = 8 ms square wave
−
6A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
125
°C
Tamb
operating ambient temperature
−65
+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com