Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC922 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC922
Description  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC922 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC922 Datasheet HTML 1Page - NXP Semiconductors P89LPC922 Datasheet HTML 2Page - NXP Semiconductors P89LPC922 Datasheet HTML 3Page - NXP Semiconductors P89LPC922 Datasheet HTML 4Page - NXP Semiconductors P89LPC922 Datasheet HTML 5Page - NXP Semiconductors P89LPC922 Datasheet HTML 6Page - NXP Semiconductors P89LPC922 Datasheet HTML 7Page - NXP Semiconductors P89LPC922 Datasheet HTML 8Page - NXP Semiconductors P89LPC922 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
2 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
s In-Application Programming of the Flash code memory. This allows changing the
code in a running application.
s Serial Flash programming allows simple in-circuit production coding. Flash
security bits prevent reading of sensitive application programs.
s Watchdog timer with separate on-chip oscillator, requiring no external
components. The watchdog prescaler is selectable from 8 values.
s Low voltage reset (Brownout detect) allows a graceful system shutdown when
power fails. May optionally be configured as an interrupt.
s Idle and two different Power-down reduced power modes. Improved wake-up from
Power-down mode (a low interrupt input starts execution). Typical Power-down
current is 1
µA (total Power-down with voltage comparators disabled).
s Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A reset counter and reset glitch suppression circuitry prevent
spurious and incomplete resets. A software reset function is also available.
s Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator
allowing it to perform an oscillator fail detect function.
s Programmable port output configuration options:
x quasi-bidirectional,
x open drain,
x push-pull,
x input-only.
s Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value
of the pins match or do not match a programmable pattern.
s LED drive capability (20 mA) on all port pins. A maximum limit is specified for the
entire chip.
s Controlled slew rate port outputs to reduce EMI. Outputs have approximately
10 ns minimum ramp times.
s Only power and ground connections are required to operate the
P89LPC920/921/922 when internal reset option is selected.
s Four interrupt priority levels.
s Eight keypad interrupt inputs, plus two additional external interrupt inputs.
s Second data pointer.
s Schmitt trigger port inputs.
s Emulation support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com