Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI1906DL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1906DL
Description  N-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1906DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1906DL Datasheet HTML 1Page - Vishay Siliconix SI1906DL Datasheet HTML 2Page - Vishay Siliconix SI1906DL Datasheet HTML 3Page - Vishay Siliconix SI1906DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si1906DL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71305
S-01885—Rev. A, 28-Aug-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 10 mA
20
24
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 50 mA
0.4
0.9
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"2
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
0.001
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS = 5.0 V, VGS = 2.5 V
120
160
mA
On-State Drain Currenta
ID(on)
VDS = 8.0 V, VGS = 4.5 V
400
800
mA
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 150 mA
1.6
2.5
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 250 mA
1.2
2.0
W
Forward Transconductancea
gfs
VDS = 2.5 V, ID = 50 mA
200
mS
Diode Forward Voltagea
VSD
IS = 50 mA, VGS = 0 V
0.7
1.2
V
Dynamic
Total Gate Charge
Qg
V
5 0 V V
4 5 V I
100
A
350
450
C
Gate-Source Charge
Qgs
VDS = 5.0 V, VGS = 4.5 V, ID = 100 mA
25
pC
Gate-Drain Charge
Qgd
100
Input Capacitance
Ciss
V5 0 V V
0 V f
1 MH
20
F
Output Capacitance
Coss
VDS = 5.0 V, VGS = 0 V, f = 1 MHz
14
pF
Reverse Transfer Capacitance
Crss
5
Switchingb, c
Turn-On Delay Time
td(on)
V
3 0 V R
100
W
7
12
Rise Time
tr
VDD = 3.0 V, RL = 100 W
I
0 25 A V
4 5 V R
10
W
25
35
ns
Turn-Off Delay Time
td(off)
DD
,
L
ID = 0.25 A, VGEN = 4.5 V, RG = 10 W
19
30
ns
Fall Time
tf
9
15
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
For design only, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com