Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A16DN8Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP6A16DN8Q
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16DN8Q Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A16DN8Q Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16DN8Q Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A16DN8Q
Document number: DS36687 Rev. 2 - 2
4 of 8
www.diodes.com
December 2013
© Diodes Incorporated
ZXMP6A16DN8Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-60
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-1.0
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1
V
ID = -250µA, VDS = VGS
Static Drain-Source On-Resistance (Note 13)
RDS (ON)
85
mΩ
VGS = -10V, ID = -2.9A
125
VGS = -4.5V, ID = -2.4A
Forward Transconductance (Notes 13 & 14)
gfs
7.2
S
VDS = -15V, ID = -2.9A
Diode Forward Voltage (Note 13)
VSD
-0.85
-0.95
V
IS = -3.4A, VGS = 0V, TJ = +25°C
Reverse recovery time (Note 14)
trr

29.2
ns
IS = -2A, di/dt = 100A/µs,
TJ = +25°C
Reverse recovery charge (Note 14)
Qrr
39.6
nC
DYNAMIC CHARACTERISTICS (Note 14)
Input Capacitance
Ciss
1021
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
83.1
pF
Reverse Transfer Capacitance
Crss
56.4
pF
Total Gate Charge (Note 15)
Qg

12.1

nC
VGS = -5V
VDS = -30V,
ID = -2.9A
Total Gate Charge (Note 15)
Qg
24.2
nC
VGS = -10V
Gate-Source Charge (Note 15)
Qgs
2.5
nC
Gate-Drain Charge (Note 15)
Qgd
3.7
nC
Turn-On Delay Time (Note 15)
tD(on)
3.5
ns
VDD = -30V, VGS = -10V,
ID = -1A, RG  6Ω
Turn-On Rise Time (Note 15)
tr
4.1
ns
Turn-Off Delay Time (Note 15)
tD(off)
35
ns
Turn-Off Fall Time (Note 15)
tf
10
ns
Notes:
13. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%
14. For design aid only, not subject to production testing.
15. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com