Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6053IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6053IPWPR
Description  175mA,12V ADSL CPE LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6053IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  THS6053IPWPR Datasheet HTML 1Page - Texas Instruments THS6053IPWPR Datasheet HTML 2Page - Texas Instruments THS6053IPWPR Datasheet HTML 3Page - Texas Instruments THS6053IPWPR Datasheet HTML 4Page - Texas Instruments THS6053IPWPR Datasheet HTML 5Page - Texas Instruments THS6053IPWPR Datasheet HTML 6Page - Texas Instruments THS6053IPWPR Datasheet HTML 7Page - Texas Instruments THS6053IPWPR Datasheet HTML 8Page - Texas Instruments THS6053IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
THS6052, THS6053
175 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS293D − JUNE 2000 − REVISED DECEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Remote Terminal ADSL Line Driver
− Ideal for Both Full Rate ADSL and G.Lite
− Compatible With 1:1 Transformer Ratio
D Low 2.7 pA/√Hz Noninverting Current Noise
− Reduces Noise Feedback Through
Hybrid Into Downstream Channel
D Wide Supply Voltage Range ±5 V to ±15 V
− Ideal for
±12-V Operation
D Wide Output Swing
− 42 Vpp Differential Output Voltage,
RL = 200 Ω, ±12-V Supply
D High Output Current
− 175 mA (typ)
D High Speed
− 110 MHz (−3 dB, G=8,
±12 V)
− 1500 V/
µs Slew Rate (G = 8, ±12 V)
D Low Distortion, Single-Ended, G = 8
− −83 dBc (250 kHz, 2 Vpp, 100-
Ω load)
D Low Power Shutdown (THS6053)
− 300-
µA Total Standby Current
D Thermal Shutdown and Short Circuit
Protection
D Standard SOIC, SOIC PowerPAD, and
TSSOP PowerPAD
 Package
D Evaluation Module Available
1
2
3
4
8
7
6
5
D1 OUT
D1 IN−
D1 IN+
VCC−
VCC+
D2 OUT
D2 IN−
D2 IN+
THS6052
SOIC (D) AND
SOIC PowerPAD
(DDA) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1 OUT
D1 IN−
D1 IN+
VCC−
N/C
GND
N/C
VCC+
D2 OUT
D2 IN−
D2 IN+
N/C
SHUTDOWN
N/C
THS6053
SOIC (D) AND
TSSOP PowerPAD
(PWP) PACKAGE
(TOP VIEW)
description
The THS6052/3 is a high-speed line driver ideal for driving signals from the remote terminal to the central office
in asymmetrical digital subscriber line (ADSL) applications. It can operate from
±12-V supply voltages while
drawing only 5.2 mA of supply current per channel. It offers low –83 dBc total harmonic distortion driving a 100-
Ω
load (2 Vpp). The THS6052/3 offers a high 42-Vpp differential output swing across a 200-
Ω load from a ±12-V
supply. The THS6053 features a low-power shutdown mode, consuming only 300
µA quiescent current per
channel. The THS6052/3 is packaged in a standard SOIC, SOIC PowerPAD
, and TSSOP PowerPAD
packages.
_
+
+12 V
750
Ω
VI+
_
+
−12 V
750
Ω
VI−
50
Ω
1:1
15.4 dBm
Delivered
to Telephone
Line
50
Ω
THS6052
Driver 1
THS6052
Driver 2
100
Ω
210
Ω
0.68
µF
RELATED PRODUCTS
DEVICE
THS6042/3
THS6092/3
OPA2677
THS6062
DESCRIPTION
350-mA,
±12 ADSL CPE line driver
275-mA, +12 V ADSL CPE line driver
380-mA, +12 V ADSL CPE line driver
Low noise ADSL receiver
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS6053IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6053 TI-THS6053 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6053 TI-THS6053 Datasheet
944Kb / 21P
175 mA, 짹12 V ADSL CPE LINE DRIVERS
More results

Similar Description - THS6053IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6042 TI-THS6042 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
ADSL CPE Hybrid
2818C BEL-2818C Datasheet
40Kb / 2P
ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com