Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA22VT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMQA22VT3
Description  SC-74 Quad Monolithic Common Anode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT3 Datasheet(HTML) 1 Page - ON Semiconductor

  MMQA22VT3 Datasheet HTML 1Page - ON Semiconductor MMQA22VT3 Datasheet HTML 2Page - ON Semiconductor MMQA22VT3 Datasheet HTML 3Page - ON Semiconductor MMQA22VT3 Datasheet HTML 4Page - ON Semiconductor MMQA22VT3 Datasheet HTML 5Page - ON Semiconductor MMQA22VT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 4
1
Publication Order Number:
MMQA/D
MMQA Quad Common
Anode Series
Preferred Devices
SC−74 Quad Monolithic
Common Anode
Transient Voltage Suppressors
for ESD Protection
This quad monolithic silicon voltage suppressor is designed for
applications requiring transient overvoltage protection capability. It is
intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment, and other applications. Its quad junction common
anode design protects four separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Specification Features:
• SC−74 Package Allows Four Separate Unidirectional Configurations
• Peak Power − Min. 24 W @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
• Peak Power − Min. 150 W @ 20 ms (Unidirectional),
per Figure 6 Waveform
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 2.0 mA
• ESD Rating of Class N (exceeding 16 kV) per the
Human Body Model
• Pb−Free Packages are Available
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
@ TA ≤ 25°C
Ppk
24
W
Peak Power Dissipation @ 20
ms (Note 2) @
TA ≤ 25°C
Ppk
150
W
Total Power Dissipation on FR-5 Board
(Note 3) @ TA = 25°C
°PD°
°225
1.8
°mW°
mW/
°C
Thermal Resistance from Junction−to−Ambi-
ent
RqJA
556
°C/W
Total Power Dissipation on Alumina Sub-
strate (Note 4) @ TA = 25°C
Derate above 25
°C
°PD°
°300
2.4
°mW
mW/
°C
Thermal Resistance from Junction−to−Ambi-
ent
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
°− 55 to
+150
°
°C
Lead Solder Temperature − Maximum (10
Second Duration)
TL
260
°C
SC−74 QUAD TRANSIENT
VOLTAGE SUPPRESSOR
24 WATTS PEAK POWER
5.6 − 33 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
SC−74
PLASTIC
CASE 318F
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
6
5
4
xxx
= Device Code
M
= Date Code
MARKING DIAGRAM
xxx
See detailed ordering and shipping information in the table on
page 5 of this data sheet.
ORDERING INFORMATION
See specific marking information in the device marking table
on page 5 of this data sheet.
DEVICE MARKING INFORMATION
PIN ASSIGNMENT
http://onsemi.com
1
6


Similar Part No. - MMQA22VT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA22VT3 ONSEMI-MMQA22VT3 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA22VT3 ONSEMI-MMQA22VT3 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
More results

Similar Description - MMQA22VT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
SC-59 Quad Monolithic Common Anode
logo
ON Semiconductor
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
logo
ON Semiconductor
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com