Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL75LP08QPWLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TL75LP08QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP08QPWLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL75LP08QPWLE Datasheet HTML 7Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 8Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 9Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 10Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 11Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 12Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 13Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 14Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
6
4
2
0
0
20
40
60
100
8
10
QUIESCENT CURRENT
vs
OUTPUT CURRENT
12
120
140
160
3
2
1
0
0.75
0.85
0.95
1.05
1.15
1.25
4
5
6
1.35
1.45 1.55
TJ = 25°C
VI = 14 V
TJ = 125°C
TJ = 25°C
TJ = 40°C
IO − Output Current − mA
IO − Output Current − A
80
TL75LP05
SHORT-CIRCUIT PROTECTION CONDITIONS
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 9
Figure 10
150
50
0
0
50
100
150
200
−100
0
LOAD TRANSIENT RESPONSE
100
250
300
350
−200
100
200
LINE TRANSIENT RESPONSE
t − Time −
µs
t − Time −
µs
0
50
100
150 200 250 300 350 400
VI(NOM) = VO + 1 V
ESR = 2
CL = 10 µF
TA = 25°C
VI(NOM) = VO + 1 V
ESR = 2
IL = 20 mA
CL = 10 µF
TA = 25°C
−50
Figure 11
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com