Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM70 Datasheet(PDF) 26 Page - Microchip Technology

Part # BM70
Description  Bluetooth짰 Low Energy (BLE) Module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM70 Datasheet(HTML) 26 Page - Microchip Technology

Back Button BM70 Datasheet HTML 22Page - Microchip Technology BM70 Datasheet HTML 23Page - Microchip Technology BM70 Datasheet HTML 24Page - Microchip Technology BM70 Datasheet HTML 25Page - Microchip Technology BM70 Datasheet HTML 26Page - Microchip Technology BM70 Datasheet HTML 27Page - Microchip Technology BM70 Datasheet HTML 28Page - Microchip Technology BM70 Datasheet HTML 29Page - Microchip Technology BM70 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
BM70/71
DS60001372D-Page 26
 2015-2016 Microchip Technology Inc.
Table 3-2 provides pin assignment details for the BM70
BLEDK3 application.
TABLE 3-2:
PIN ASSIGNMENT FOR BM70 BLEDK3 APPLICATION
3.3
Reset (RST_N)
The Reset input pin (RST_N) is used to Reset the
BM70/71 with an active-low pulse with a minimum pulse
width of 63 ns.
3.4
System Configuration
Table 3-3 provides the system configuration settings of
the P2_0 pin that places the BM70/71 into operation
modes. The P2_0 pin has an internal pull-up.
TABLE 3-3:
SYSTEM CONFIGURATION SETTINGS
Pin Name
Pin Assignment
P3_6
UART_RTS
P0_0
UART_CTS
P2_7
TX_IND
P1_2
I2C_SCL
P1_3
I2C_SDA
P0_2
LED0
P2_0
Operational Mode
High
Application mode
Low
Test mode (Write UI/Flash: Firmware Programming)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com